Electronic Components Datasheet Search
  English  ▼

X  

LTC1710C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1710C
Description  SMBus Dual Monolithic High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1710C Datasheet(HTML) 4 Page - Linear Technology

  LTC1710C Datasheet HTML 1Page - Linear Technology LTC1710C Datasheet HTML 2Page - Linear Technology LTC1710C Datasheet HTML 3Page - Linear Technology LTC1710C Datasheet HTML 4Page - Linear Technology LTC1710C Datasheet HTML 5Page - Linear Technology LTC1710C Datasheet HTML 6Page - Linear Technology LTC1710C Datasheet HTML 7Page - Linear Technology LTC1710C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1710
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
10
100
1710 G01
0
0
50
20
30
40
50
VCC = 3.3V
VCC = 5V
VCC = 2.7V
Standby Current vs Temperature
Switch RDS(ON) vs Temperature
(SO-8 Package)
TEMPERATURE (
°C)
0
0.1
0.3
0.4
0.5
1.0
0.7
–50
050
1710 G04
0.2
0.8
0.9
0.6
100
VCC = 2.7V
VCC = 3.3V
VCC = 5V
IOUT = 300mA
SUPPLY VOLTAGE (V)
0
0
100
200
300
400
500
24
1710 G03
68
BOTH SW ON
SW1 ON
TA = 25°C
SW0 ON
Supply Current (IQ)
vs Supply Voltage
TEMPERATURE (
°C)
200
300
100
1710 G06
100
0
–50
0
50
400
IPULL-UP = 350µA
TEMPERATURE (
°C)
–50
100
100
1710 G02
0
0
50
200
300
400
500
BOTH SW ON
SW1 ON
VCC = 5V
SW0 ON
Supply Current (IQ)
vs Temperature
Switch RDS(ON) vs Temperature
(MSOP Package)
TEMPERATURE (
°C)
0
0.6
0.8
1.0
80
1710 G05
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
20
40
60
100
VCC = 2.7V
VCC = 5V
VCC = 3.3V
IOUT = 300mA
Data ACK VOL vs Temperature
PIN FUNCTIONS
SW0D (Pin 1): Drain Supply of Switch 0. User-program-
mable from 0V to VCC.
OUT0 (Pin 2): Source Output of Switch 0. Maximum load
of 300mA; controlled by LSB of command byte.
AD1 (Pin 3): Three-State Programmable Address Pin.
Must be connected directly to VCC, GND or VCC/2 (using
two resistors
≤1M). Do not float this pin.
GND (Pin 4): Ground Connection.
CLK (Pin 5): Serial Clock Interface. Must be pulled high to
VCC with external resistor. The pull-up current must be
limited to 350
µA.
DATA (Pin 6): Open-Drain Connected Serial Data Inter-
face. Must be pulled high to VCC with external resistor. The
pull-up current must be limited to 350
µA.
OUT1 (Pin 7): Source Output of Switch 1. Maximum load
of 300mA; controlled by 2nd LSB of command byte.
VCC (Pin 8): Input Supply Voltage. Operating range from
2.7V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com