Electronic Components Datasheet Search
  English  ▼

X  

LTC1710C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1710C
Description  SMBus Dual Monolithic High Side Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1710C Datasheet(HTML) 5 Page - Linear Technology

  LTC1710C Datasheet HTML 1Page - Linear Technology LTC1710C Datasheet HTML 2Page - Linear Technology LTC1710C Datasheet HTML 3Page - Linear Technology LTC1710C Datasheet HTML 4Page - Linear Technology LTC1710C Datasheet HTML 5Page - Linear Technology LTC1710C Datasheet HTML 6Page - Linear Technology LTC1710C Datasheet HTML 7Page - Linear Technology LTC1710C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1710
BLOCK DIAGRA
VCC
VCC
OUT1
7
1
2
SW0D
OUT0
4
GND
1710 BD
UNDERVOLTAGE
LOCKOUT
POWER-ON
RESET
2V
VCC
ACK
A
B
OUTPUT
LATCHES
SHIFT
REGISTER
ADDRESS
DECODER
COUNTER
INPUT
BUFFERS
THERMAL
SHUTDOWN
REGULATED
CHARGE
PUMPS
ADDRESS
COMPARATOR
LOGIC
START
AND
STOP
DETECTORS
3
AD1
5
CLK
6
8
DATA
TI I G DIAGRA
CLK
DATA
START
STOP
1710 TD
tSU:STO
tLOW
tHIGH
tHD:DAT
tSU:DAT
tHD:STA
tSU:STA
tf
tr
OPERATIO
SMBus Operation
SMBus is a serial bus interface that uses only two bus lines,
DATA and CLK, to control low power peripheral devices in
portable equipment. It consists of masters, also known as
hosts, and slave devices. The master of the SMBus is
always the one to initiate communications to the slave
devices by varying the status of the DATA and CLK lines.
The SMBus specification establishes a set of protocols that
devices on the bus must follow for communications.
The protocol that the LTC1710 uses is the Send Byte Pro-
tocol. In this protocol, the master first sends out a Start
signal by switching the DATA line from high to low while
CLK is high. (Because there may be more than one master
on the same bus, an arbitration process takes place if two
masters attempt to take control of the DATA line simulta-
neously; the first master that outputs a one while the other
master is zero loses the arbitration and becomes a slave
itself.) Upon detecting this Start signal, all slave devices on
the bus wake up and prepare to shift in the next byte of data.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com