Electronic Components Datasheet Search
  English  ▼

X  

LTC1727 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1727
Description  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1727 Datasheet(HTML) 1 Page - Linear Technology

  LTC1727 Datasheet HTML 1Page - Linear Technology LTC1727 Datasheet HTML 2Page - Linear Technology LTC1727 Datasheet HTML 3Page - Linear Technology LTC1727 Datasheet HTML 4Page - Linear Technology LTC1727 Datasheet HTML 5Page - Linear Technology LTC1727 Datasheet HTML 6Page - Linear Technology LTC1727 Datasheet HTML 7Page - Linear Technology LTC1727 Datasheet HTML 8Page - Linear Technology LTC1727 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1727/LTC1728
Micropower Precision
Triple Supply Monitors
in 8-Lead MSOP and
5-Lead SOT-23 Packages
s
Monitors Three Inputs Simultaneously
LTC1727-5: 5V, 3.3V and ADJ
LTC1727-2.5: 2.5V, 3.3V and ADJ
LTC1728-5: 5V, 3.3V and ADJ
LTC1728-2.5: 2.5V, 3.3V and ADJ
LTC1728-1.8: 3V, 1.8V and ADJ
s
±1.5% Threshold Accuracy Over Temperature
s
Very Low Supply Current: 10
µA Typ
s
200ms Reset Time Delay
s
Active Low RESET Output
s
Power Supply Glitch Immunity
s
Guaranteed RESET for VCC3 ≥ 1V
or VCC5/VCC25/VCC18 ≥ 1V
s
LTC1727 Includes Monitor Output for Each Supply
s
LTC1727: 8-Lead MSOP and SO Packages
s
LTC1728: 5-Lead SOT-23 Package
The LTC
®1727 is a triple supply monitor intended for
systems with multiple supply voltages. Each supply moni-
tor has its own open-drain output for individual supply
monitoring. A common open-drain reset output remains
low until all three supplies have been in compliance for
200ms. Tight 1.5% accuracy specifications and glitch
immunity ensure reliable reset operation without false
triggering.
The LTC1728 is functionally identical to the LTC1727
without the individual monitor outputs.
The RST output is guaranteed to be in the correct state for
VCC5/VCC25/VCC18 or VCC3 down to 1V. The LTC1727/
LTC1728 may also be configured to monitor any one or
two VCC inputs instead of three, depending on system
requirements.
Very low (10
µAtypical)supplycurrentmakestheLTC1727/
LTC1728 ideal for power conscious systems.
The LTC1727 is available in an 8-lead MSOP or SO
package and the LTC1728 is available in a 5-lead SOT-23
package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Desktop Computers
s
Notebook Computers
s
Intelligent Instruments
s
Portable Battery-Powered Equipment
s
Network Servers
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VCC3
VCC5
VCCA
RST
GND
LTC1728-5
1727/28 TA01
3.3V
5V
1.8V
0.1
µF
51
2
R1
61.9k
1%
R2
100k
1%
4
3
DC/DC
CONVERTER
SYSTEM
LOGIC
0.1
µF
1
2
3
4
8
7
6
5
LTC1727-2.5
R2
1727/28 TA08
R1
ADJUSTABLE
SUPPLY
3.3V
2.5V
R3
10k
POWER
GOOD
SYSTEM
RESET
R4
10k
VCC3
VCC25
VCCA
GND
COMP3
COMP25
RST
COMPA
Triple Supply Monitor with Power Good Output
(3.3V, 2.5V and Adjustable)


Similar Part No. - LTC1727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1727 LINER-LTC1727 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC1727 LINER-LTC1727 Datasheet
156Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
LTC1727 AD-LTC1727 Datasheet
342Kb / 18P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
Rev. E
More results

Similar Description - LTC1727

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
Micropower Precision Triple Supply Monitors
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
Precision Quad Supply Monitor in 6-Lead SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com