Electronic Components Datasheet Search
  English  ▼

X  

LTC1727 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1727
Description  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1727 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1727 Datasheet HTML 2Page - Linear Technology LTC1727 Datasheet HTML 3Page - Linear Technology LTC1727 Datasheet HTML 4Page - Linear Technology LTC1727 Datasheet HTML 5Page - Linear Technology LTC1727 Datasheet HTML 6Page - Linear Technology LTC1727 Datasheet HTML 7Page - Linear Technology LTC1727 Datasheet HTML 8Page - Linear Technology LTC1727 Datasheet HTML 9Page - Linear Technology LTC1727 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1727/LTC1728
(LTC1727/LTC1728)
PI FU CTIO S
VCC3 (Pin 1/Pin 5): 3.3V Sense Input and Power
Supply Pin. (3V Sense Input and Power Supply Pin for
LTC1728-1.8.) This pin provides power to the part
when the voltage on VCC3 is greater than the voltage on
VCC5/VCC25/VCC18. Bypass to ground with a ≥ 0.1µF
ceramic capacitor.
VCC5 (Pin 2/Pin 4): 5V Sense Input and Power Supply
Pin. This pin is used on the LTC1727-5/LTC1728-5 to
provide power to the part when the voltage on VCC5 is
greater than the voltage on VCC3. Bypass to ground with
a
≥0.1µF ceramic capacitor.
VCC25 (Pin 2/Pin 4): 2.5V Sense Input and Power Supply
Pin. This pin is used on the LTC1727-2.5/LTC1728-2.5 to
provide power to the part when the voltage on VCC25 is
greater than the voltage on VCC3. Bypass to ground with
a
≥0.1µF ceramic capacitor.
VCC18 (Pin 2/Pin 4): 1.8V Sense Input and Power Supply
Pin. This pin is used on the LTC1728-1.8 to provide
power to the part when the voltage on VCC18 is greater
than the voltage on VCC3. Bypass to ground with a ≥0.1µF
ceramic capacitor.
VCCA (Pin 3/Pin 3): 1V Sense, High Impedance Input. If
unused, it can be tied to either VCC3 or VCC5/VCC25/VCC18.
GND (Pin 4/Pin 2): Ground.
COMPA (Pin 5): VCCAComparatorOutputfortheLTC1727.
Active high, open-drain logic output with weak pull-up to
VCC3. Asserted when VCCA is above VRTA. Deasserted
when VCCA is below VRTA or if both the VCC3 and VCC5
supply pins are too low to power the internal bandgap
reference (typically < 2.0V). Can be pulled greater than
VCC3 using an external pull-up.
RST (Pin 6/Pin 1): Reset Logic Output. Active low, open-
drain logic output with weak pull-up to VCC3. Can be pulled
up greater than VCC3 when interfacing to 5V logic. As-
serted when one or all of the supplies are below trip thresh-
olds and held for 200ms after all supplies become valid.
COMP5 (Pin 7): VCC5 Comparator Output for the
LTC1727-5. Active high, open-drain logic output with
weak pull-up to VCC3. Asserted when VCC5 is above VRT5.
Can be pulled greater than VCC3 using an external pull-up.
COMP25 (Pin 7): VCC25 Comparator Output for the
LTC1727-2.5. Active high, open-drain logic output with
weak pull-up to VCC3. Asserted when VCC25 is above
VRT25. Can be pulled greater than VCC3 using an external
pull-up.
COMP3 (Pin 8): VCC3 ComparatorOutputfortheLTC1727.
Active high, open-drain logic output with weak pull-up to
VCC3. Asserted when VCC3 is above VRT3. Can be pulled
greater than VCC3 using an external pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com