Electronic Components Datasheet Search
  English  ▼

X  

UPD77018 Datasheet(PDF) 20 Page - NEC

Part # UPD77018
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77018 Datasheet(HTML) 20 Page - NEC

Back Button UPD77018 Datasheet HTML 16Page - NEC UPD77018 Datasheet HTML 17Page - NEC UPD77018 Datasheet HTML 18Page - NEC UPD77018 Datasheet HTML 19Page - NEC UPD77018 Datasheet HTML 20Page - NEC UPD77018 Datasheet HTML 21Page - NEC UPD77018 Datasheet HTML 22Page - NEC UPD77018 Datasheet HTML 23Page - NEC UPD77018 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
µPD77015, 77017, 77018
20
2.4.1
Instruction RAM Outline
The
µPD77015 has an instruction ROM (4K words × 32 bits) and instruction RAM( 256 words × 32 bits).
The
µPD77017 has an instruction ROM (12K words × 32 bits) and instruction RAM( 256 words × 32 bits).
The
µPD77018 has an instruction ROM (24K words × 32 bits) and instruction RAM( 256 words × 32 bits).
A system vector area is assigned to 64 words of the instruction RAM. Internal instruction RAM is initialized and
rewritten by boot program.
Boot up ROM contains the program loading instruction code to internal instruction RAM.
Caution
When any data is accessed or stored to system address, normal operation of the device is
not assured.
0300H
02FFH
0240H
023FH
0000H
Internal Instruction ROM
(24K words)
PD77018
7000H
6FFFH
System (36K words)
PD77017
PD77015
4000H
3FFFH
System (44K words)
5000H
4FFFH
FFFFH
System (24K words)
A000H
9FFFH
0200H
01FFH
System (256 words)
Bootup ROM (256 words)
Vector (64 words)
System (15.25K words)
Internal Instruction RAM
(256 words)
Internal Instruction ROM
(4K words)
System (256 words)
Bootup ROM (256 words)
Vector (64 words)
System (15.25K words)
Internal Instruction RAM
(256 words)
System (256 words)
Bootup ROM (256 words)
Vector (64 words)
System (15.25K words)
Internal Instruction RAM
(256 words)
Internal Instruction ROM
(12K words)
0100H
00FFH
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com