Electronic Components Datasheet Search
  English  ▼

X  

UPD77018 Datasheet(PDF) 23 Page - NEC

Part # UPD77018
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77018 Datasheet(HTML) 23 Page - NEC

Back Button UPD77018 Datasheet HTML 19Page - NEC UPD77018 Datasheet HTML 20Page - NEC UPD77018 Datasheet HTML 21Page - NEC UPD77018 Datasheet HTML 22Page - NEC UPD77018 Datasheet HTML 23Page - NEC UPD77018 Datasheet HTML 24Page - NEC UPD77018 Datasheet HTML 25Page - NEC UPD77018 Datasheet HTML 26Page - NEC UPD77018 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
23
µPD77015, 77017, 77018
3.
INSTRUCTIONS
3.1
Outline
All
µPD77017 instructions are one-word instructions, consisting of 32 bits. And they are executed in 30 ns
(min.) per instruction. There are following 9 instruction types.
(1) Trinomial instructions
: specify the Acc operation. 3 of general registers are specified optionally as the operation object.
(2) Dyadic operation instructions
: specify the Acc, ALU or shifter operation. 2 of general registers are specified optionally as the operation
object. Some instructions can specify a general register and immediate data.
(3) Monadic operation instructions
: specify operations by ALU. 1 general register is specified optionally as the operation object.
(4) Load/store instructions
: transfer 16 bits data from memory to general registers, from general registers to memory and between general
registers.
(5) Inter-register transfer instructions
: transfer data between general register and other registers.
(6) Immediate data set instructions
: set immediate data at general registers or each registers of address operation unit.
(7) Branch instructions
: specify the direction of the program flow.
(8) Hardware loop instructions
: specify times of instruction repeating.
(9) Control Instructions
: specify the control program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com