Electronic Components Datasheet Search
  English  ▼

X  

LTC1735CS-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1735CS-1
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1735CS-1 Datasheet HTML 20Page - Linear Technology LTC1735CS-1 Datasheet HTML 21Page - Linear Technology LTC1735CS-1 Datasheet HTML 22Page - Linear Technology LTC1735CS-1 Datasheet HTML 23Page - Linear Technology LTC1735CS-1 Datasheet HTML 24Page - Linear Technology LTC1735CS-1 Datasheet HTML 25Page - Linear Technology LTC1735CS-1 Datasheet HTML 26Page - Linear Technology LTC1735CS-1 Datasheet HTML 27Page - Linear Technology LTC1735CS-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1735-1
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
17351f LT/TP 0100 4K • PRINTED IN USA
TYPICAL APPLICATIO
High Efficiency Dynamic Output Voltage Selectable CPU Power Supply for SpeedStep Enabled Processors
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1149
High Efficiency Synchronous Step-Down Controller
100% DC, Std Threshold MOSFETs, VIN < 48V
LTC1159
High Efficiency Synchronous Step-Down Controller
100% DC, Logic Level MOSFETs, VIN < 40V
LT1375/LT1376
1.5A 500kHz Step-Down Switching Regulator
High Efficiency
LTC1435A
High Efficiency Low Noise Synchronous Step-Down Controller, N-Ch Drive
Burst Mode Operation, 16-Pin Narrow SO
LTC1436A/LTC1436A-PLL High Efficiency Low Noise Synchronous Step-Down Converter, N-Ch Drive
Adaptive Power
TM Mode 20-Pin, 24-Pin SSOP
LTC1474/LTC1475
Ultralow Quiescent Current Step-Down Monolithic Switching Regulator
100% DC, 8-Pin MSOP, IQ = 10µA
LTC1628
Dual High Efficiency 2-Phase Step-Down Controller
Antiphase Drive, 28-Pin SSOP, 3.5V
≤ VIN ≤ 36V
LTC1702
550kHz Dual Output Synchronous Step-Down Controller
Antiphase Drive, 24-Pin SSOP, VIN ≤ 7V
LTC1709
PolyPhase
TM Synchronous Controller with 5-Bit VID
Up to 42A, Minimum Input Capacitors,
1.3V
≤ VOUT ≤ 3.5V
LTC1735
High Efficiency Synchronous Step-Down Contoller, N-Channel Drive
Burst Mode Opertion, 16-Pin Narrow SSOP
LTC1736
High Efficiency Synchronous Step-Down Controller with 5-Bit VID Control
Output Fault Protection, 24-Pin SSOP
LTC1772
SOT-23 High Efficiency Constant Frequency Step-Down Controller
100% DC, 550kHz, SOT-23, Current Mode
Adaptive Power and PolyPhase are trademarks of Linear Technology Corporation.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COSC
RUN/SS
ITH
PGOOD
SENSE –
SENSE +
VOSENSE
SGND
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735-1
CS1
1000pF
CC2 330pF
COSC 47pF
C1
47pF
CC1 47pF
CSS 0.1µF
RC1 33k
R7
100k
R6
680k
R8
4.7
Ω
JP1
LATCH-OFF
DISABLE
PGOOD RUN
INTVCC
+
C2
4.7
µF
C4
1
µF
5V
INPUT
(OPTIONAL)
C2
47pF
Q4
2N7002
GND
C3
47pF
R1
10k
0.5%
VOUT
1.35V OR 1.60V
12A
VSEL = 1: VOUT = 1.60V
VSEL = 0: VOUT = 1.35V
D1
CMDSH-3
D2
MBRS340T3
CB 0.22µF
Q1
FDS6680A
CIN
22
µF
50V
CERAMIC
×2
L1
1.2
µH
RSENSE
0.004
Ω
VIN
4.5V TO 24V
Q2, Q3
FDS6680A
×2
R5 10
Ω
1735-1 TA01
R3
33.2k
1%
R2
14.3k
0.5%
R4 10
Ω
+
COUT
180
µF
4V
SP
×4
CF1
0.1
µF
CIN: MARCON THCR70E1H226ZT
COUT: PANASONIC EEFVE06181R
L1: PANASONIC ETQP6F1R2HFA
RSENSE: IRC CRF2512-01-R004F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com