Electronic Components Datasheet Search
  English  ▼

X  

LTC1771E Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1771E
Description  Low Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771E Datasheet(HTML) 3 Page - Linear Technology

  LTC1771E Datasheet HTML 1Page - Linear Technology LTC1771E Datasheet HTML 2Page - Linear Technology LTC1771E Datasheet HTML 3Page - Linear Technology LTC1771E Datasheet HTML 4Page - Linear Technology LTC1771E Datasheet HTML 5Page - Linear Technology LTC1771E Datasheet HTML 6Page - Linear Technology LTC1771E Datasheet HTML 7Page - Linear Technology LTC1771E Datasheet HTML 8Page - Linear Technology LTC1771E Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1771
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1771S8: TJ = TA + (PD)(110°C/W)
LTC1771MS8: TJ = TA + (PD)(150°C/W)
Note 3: The LTC1771E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC1771I is guaranteed and tested
over the – 40
°C to 85°C operating temperature range.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 10V, VRUN = open unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN/SS
RUN/SS Pin Threshold
VRUN/SS Rising
q
0.5
1.0
2
V
IRUN
Source Current
VRUN = 0V, VIN = 2.8V to 18V
0.3
1
3
µA
PGATE tr, tf
PGATE Transition Time (Note 7)
Rise Time
CLOAD = 2000pF
80
ns
Fall Time
CLOAD = 2000pF
90
ns
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: The LTC1771 is tested in a feedback loop that servos VFB to the
balance point for the error amplifier (VITH = 1.23V).
Note 6: No-load supply current consists of sleep mode current (9
µA
typical) plus a small switching component necessary to overcome
Schottky diode leakage and feedback resistor current.
Note 7: tr and tf measured at 10% to 90% levels.
RUN/SS (Pin 1): The voltage level on this pin controls
shutdown/run mode (ground = shutdown, open/high =
run). Connecting an external capacitor to this pin provides
soft-start.
ITH (Pin 2): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 3V.
VFB (Pin 3): Feedback of Output Voltage for Comparison
to Internal 1.23V Reference. An external resistive divider
across the output is returned to this pin.
GND (Pin 4): Ground Pin.
PGATE (Pin 5): High Current Gate Driver for External
P-Channel MOSFET Switch. Voltage swing is from ground
to VIN.
VIN (Pin 6): Main Input Voltage Supply Pin.
SENSE (Pin 7): Current Sense Input for Monitoring Switch
Current. Maximum switch current and Burst Mode
threshold is programmed with an external resistor be-
tween SENSE and VIN.
MODE (Pin 8): Burst Mode Enable/Disable Pin. Connect-
ing this pin to VIN (or above 2V) enables Burst Mode
operation, while connecting this pin to ground disables
Burst Mode operation. Do not leave floating.
ELECTRICAL CHARACTERISTICS
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com