Electronic Components Datasheet Search
  English  ▼

X  

LTC1771E Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1771E
Description  Low Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771E Datasheet(HTML) 4 Page - Linear Technology

  LTC1771E Datasheet HTML 1Page - Linear Technology LTC1771E Datasheet HTML 2Page - Linear Technology LTC1771E Datasheet HTML 3Page - Linear Technology LTC1771E Datasheet HTML 4Page - Linear Technology LTC1771E Datasheet HTML 5Page - Linear Technology LTC1771E Datasheet HTML 6Page - Linear Technology LTC1771E Datasheet HTML 7Page - Linear Technology LTC1771E Datasheet HTML 8Page - Linear Technology LTC1771E Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1771
–
+
EA
C
ON
ON
+
CSS
RUN/SS
VIN
VOUT
VIN
1
MODE
MODE
READY
SLEEP
READY
250k
22k
RSENSE
1.23V
1V
1V
2V
1
µA
(BURST ENABLE)
10% CURRENT
10% CURRENT
SOFT-START
8
VIN
VIN
VOUT
L
CIN
+
COUT
6
SENSE
7
SW
3.5
µs
1771 BD
5
VFB
3
ITH
RC
CC
*
*OPTIONAL FOR FOLDBACK
CURRENT LIMITING
2
GND
4
+
–
B
ON TRIGGER
1.23V
REFERENCE
BLANKING
1-SHOT
STRETCH
FUNCTIONAL BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com