Electronic Components Datasheet Search
  English  ▼

X  

TSM126 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM126
Description  N-Channel Depletion-Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM126 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM126 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSM126
N-Channel Depletion-Mode MOSFET
2/7
Version: A14
Electrical Specifications (Tj = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
a
Drain-Source Breakdown Voltage
VGS = -5V, ID = 250µA
BVDSS
600
--
--
V
Gate Threshold Voltage
VDS = 3V, ID = 8µA
VGS(TH)
-2.7
-1.8
-1.0
V
Drain-Source cutoff current
VDS = 600V, VGS = -5V,
Ta = 25℃
IDS(OFF)
--
--
0.1
µA
Drain-Source cutoff current
VDS = 480V, VGS = -5V,
Ta = 125℃
10
µA
Gate-Source Leakage Current
VGS = ±20V, VDS = 0V
IGSS
--
--
±10
µA
On-state Drain Current
VDS = 25V, VGS = 0V
IDSS
12
--
--
mA
Drain-Source On-State Resistance
VGS = 0V, ID = 3mA
RDS(ON)
--
350
700
Ω
VGS = 10V, ID = 16mA
400
800
Ω
Forward Transconductance
| VDS | >2 ID*RDS(ON)max,
ID = 0.01A
gfs
0.008
0.017
--
S
Dynamic
Input Capacitance
VDS = 25V, VGS = -5V,
f = 1.0MHz
Ciss
--
51.42
--
pF
Output Capacitance
Coss
--
4.48
--
Reverse Transfer Capacitance
Crss
--
1.12
--
Total Gate Charge
VDS = 400V, ID = 0.01A,
VGS = -5V to 5V
Qg
--
1.18
--
nC
Gate-Source Charge
Qgs
--
0.49
--
Gate-Drain Charge
Qgd
--
0.365
--
Switching
Turn-On Delay Time
VDD = 300V, ID = 0.01A,
VGS = -5V to 7V,
RG = 6Ω
td(on)
--
10.01
--
ns
Turn-On Rise Time
tr
--
55.7
--
Turn-Off Delay Time
td(off)
--
57.2
--
Turn-Off Fall Time
tf
--
135.5
--
Source-Drain Diode
Diode forward Current
Continuous
IS
--
--
0.025
A
Diode Pulse Current
ISM
--
--
0.100
A
Diode Forward Voltage
ISD = 16mA, VGS = -5V
VSD
--
--
1.2
V
Reverse Recovery Time
IF=0.01A, VGS=-10V
dIF/dt=100A/µs, VR=30V
trr
--
243.1
--
ns
Reverse Recovery Charge
Qrr
--
639
--
nC
Notes:
a. pulse test: PW
≤380µs, duty cycle ≤2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com