Electronic Components Datasheet Search
  English  ▼

X  

TSM126 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM126
Description  N-Channel Depletion-Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM126 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM126 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM126 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM126
N-Channel Depletion-Mode MOSFET
1/7
Version: A14
SOT-23
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)(max)
ID (A)
600
700 @ VGS = 0V
0.03
Features
●
Depletion Mode
●
Low Gate Charge
Application
●
Converters
●
Telecom
Ordering Information
Part No.
Package
Packing
TSM126CX RFG
SOT-23
3kpcs / 7” Reel
Note: “G” denotes Halogen Free Product.
Absolute Maximum Ratings (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
Tc=25℃
ID
0.030
A
Continuous Drain Current
Tc=70℃
0.024
A
Pulsed Drain Current
a
IDM
0.120
A
Maximum Power Dissipation
PD
0.5
W
Soldering Temperature
b
TL
300
oC
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction to Ambient
RӨJA
250
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Distance of 1.6mm from case for 10 seconds.
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Gate
2. Source
3. Drain


Similar Part No. - TSM126

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSM1205D TRACOPOWER-TSM1205D Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1205S TRACOPOWER-TSM1205S Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1209S TRACOPOWER-TSM1209S Datasheet
1Mb / 7P
DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
Low gate charge for fast power switching
More results

Similar Description - TSM126

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
TEMIC Semiconductors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
List of Unclassifed Man...
ND2406L ETC1-ND2406L Datasheet
57Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601_15 Datasheet
194Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com