Electronic Components Datasheet Search
  English  ▼

X  

LTC2424 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2424
Description  4-/8-Channel 20-Bit uPower No Latency ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2424 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2424 Datasheet HTML 20Page - Linear Technology LTC2424 Datasheet HTML 21Page - Linear Technology LTC2424 Datasheet HTML 22Page - Linear Technology LTC2424 Datasheet HTML 23Page - Linear Technology LTC2424 Datasheet HTML 24Page - Linear Technology LTC2424 Datasheet HTML 25Page - Linear Technology LTC2424 Datasheet HTML 26Page - Linear Technology LTC2424 Datasheet HTML 27Page - Linear Technology LTC2424 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
27
LTC2424/LTC2428
APPLICATIONS INFORMATION
These infrared thermocouples are self-contained: 1) they
do not require external cold junction compensation; 2)
they cannot use conventional open thermocouple detec-
tion schemes; and 3) their output impedances are high,
approximately 3k
Ω. Alternatively, conventional thermo-
couples can be connected directly to the LTC2428 (not
shown) and cold junction compensation can be provided
by an external temperature sensor connected to a different
channel (see the thermistor circuit on CH5) or by using the
LT1025, a monolithic cold-junction compensator IC.
The components connected to CH7 are used to sense
daylight or photodiode current with a resolution of 300pA.
In the figure, the photodiode is biased in photoconduc-
tive mode; however, the LTC2428 can accommodate
either photovoltaic or photoconductive configurations.
The photodiode chosen (Hammatsu S1336-5BK) pro-
duces an output of 500mA per watt of optical illumination.
The output of the photodiode is dependent on two factors:
active detector area (2.4mm • 2.4mm) and illumination
intensity. With the 5k resistor, optical intensities up to
368W/m2 at 960nM (direct sunlight is approximately
1000W/m2) can be measured by the LTC2428. With a
resolution of 1nA, the optical dynamic range covers 5
orders of magnitude.
The application circuits shown connected to the LTC2428
demonstrate the mix-and-match capabilities of this multi-
plexed-input, high resolution
∆Σ ADC. Very low level
signals and high level signals can be accommodated with
a minimum of additional circuitry.
Dimensions in millimeters (inches) unless otherwise noted.
PACKAGE DESCRIPTIO
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
12 3
4
5
6 7 8
9 10 11 12
14
13
10.07 – 10.33*
(0.397 – 0.407)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com