Electronic Components Datasheet Search
  English  ▼

X  

LTC2424 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2424
Description  4-/8-Channel 20-Bit uPower No Latency ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2424 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2424 Datasheet HTML 20Page - Linear Technology LTC2424 Datasheet HTML 21Page - Linear Technology LTC2424 Datasheet HTML 22Page - Linear Technology LTC2424 Datasheet HTML 23Page - Linear Technology LTC2424 Datasheet HTML 24Page - Linear Technology LTC2424 Datasheet HTML 25Page - Linear Technology LTC2424 Datasheet HTML 26Page - Linear Technology LTC2424 Datasheet HTML 27Page - Linear Technology LTC2424 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC2424/LTC2428
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1050
Precision Chopper Stabilized Op Amp
No External Components, 5
µV Offset, 1.6µVP–P
LT1236
Precision Bandgap Reference
0.05% Max Initial Accuracy, 5ppm/
°C Drift
LT1461-2.5
Precision, Low Power, Low Drift Reference
50
µA, 0.04%, 3ppm/°C Drift
LT1793
Low Noise JFET Input Op Amp
10pA Max Input Bias Current, Low Voltage Noise: 8nV
LTC2400
24-Bit Micropower
∆Σ ADC in SO-8
< 4ppm INL, No Missing Codes, 4ppm Full Scale
LTC2404/LTC2408
4/8 Channel, 24-Bit
∆Σ ADCs
< 4ppm INL, No Missing Codes, Interchangeable with the
LTC2424/LTC2428 if ZSSET is grounded
Fiugre 25. Measure DC to Daylight Using the LTC2428
TYPICAL APPLICATION
©LINEAR TECHNOLOGY CORPORATION 2000
24248f LT/TP 0300 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
24248 F25
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
9
10
11
12
13
14
15
17
+
–
8-CHANNEL
MUX
5ZSSET
GND
1, 6, 16, 18, 22, 27, 28
MPU
SERIAL DATA LINK
MICROWIRE AND
SPI COMPATABLE
LT1236CS8-5
23
20
19, 25
21
24
CSADC
CSMUX
CLK
DIN
SDO
26
FO
20-BIT
∆∑ ADC
LTC2428
ADCIN
MUXOUT
7
4
3
2, 8
1
µF
5V
FSSET VCC
–
+
OUT IN
GND
+
4
2
6
0V TO 5V
100
µF
INTERNAL OSC
SELECTED FOR
60Hz REJECTION
+
10
µF
8V
5V
REF
ELECTROMETER
INPUT
(pH, PIEZO)
5V
GUARD RING
DC
VOLTMETER
INPUT
1mV TO 1000V
–5V
R3, 10k
5V
MAX
C1, 0.1
µF
LT1793
3
2
6
4
7
–
+
5V
–5V
LTC1050
2
3
6
7
4
R4
1k
R9
1k
1%
R7
10k, 0.1%
R5
5k, 1%
R8
100
Ω, 5%
3-WIRE R-PACK
R6
10k, 0.1%
IN914
IN914
1
µF
AC
INPUT
60Hz
60Hz–RF
RF POWER
R1
900k
0.1%, 1W, 1000 WVDC
R2
4.7k
0.1%
50
Ω
R13
5k
0.1%
5V
DAYLIGHT
HAMAMATSU
PHOTODIODE
S1336-5BK
100
Ω
Pt RTD
(3-WIRE)
RT
FORCE SENSE
INFRARED
INFRARED
THERMOCOUPLE
OMEGA
0S36-01
VREF
5V
50
Ω LOAD
BONDED TO
RTD ON
INSULATED
MOUNTING
R11
24.9k, 0.1%
J1
J2
J3
VREF
5V
THERMISTOR
10k
Ω NTC
LOCAL
TEMP
R12
24.9k, 0.1%
R10
5k
1%
–60mV TO 4V
2.7V AT 0
°C
0.9V AT 40
°C
–2.2mV to 16mV
0V to 4V
20mV TO 80mV
<1mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com