Electronic Components Datasheet Search
  English  ▼

X  

TSZL52C15 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C15
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C15 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1412001
Version: D14
Small Signal Product
TSZL52C2V4 thru TSZL52C39
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
1
10
100
10
20
30
40
50
Nomial Zener Voltage (V)
Fig. 2 Temperature Coefficient
T
A=25
oC
1
10
100
1000
1
10
100
Nomial Zener Voltage (V)
Fig. 3 Effect of Zener Voltage on Zener Impedance
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
45
Nomial Zener Voltage (V)
Fig. 5 Typical Leakage Current
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Forward Voltage (V)
Fig. 4 Typical Forward Voltage
-4
-3
-2
-1
0
1
2
3
4
5
6
7
23
45
678
9
10
11
12
Nomial Zener Voltage (V)
Fig. 1 Temperature Coefficients
0
50
100
150
200
250
300
350
400
1
10
100
Normal Zener Voltage (V)
Fig. 6 Typical Capacitance
-55oC
T
A=25
oC
T
J=25
oC
I
Z(AC)0.1 IZ(DC)
f=1kHZ
I
Z=20mA
I
Z=5mA
I
Z=1mA
25oC
125oC
75oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com