Electronic Components Datasheet Search
  English  ▼

X  

TSZL52C15 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C15
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C15 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSZL52C15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PART NO.
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Typ
Max
Min
Typ
Max
L
2.4
-
2.6
0.094
-
0.102
W
1.1
-
1.3
0.043
-
0.051
T
0.7
-
0.9
0.028
-
0.035
C
-
0.5
-
-
0.020
-
D
-
1.0
-
-
0.039
-
Document Number: DS_S1412001
Version: D14
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSZL52Cxxx
(Note1)
G
1005
RW
4K / 7" Reel
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
TSZL52C2V4 thru TSZL52C39
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
DIM.
Unit (mm)
Unit (inch)
1005
PACKAGE OUTLINE DIMENSION
Define manufacture
source
Green compound
G
RW
-F0
TSZL52C39
-xx
TSZL52C39-F0 RWG
Multiple manufacture
source
Green compound
G
RW
TSZL52C39
TSZL52C39 RWG
Note 1: "xxx" defines voltage from 2.4V (TSZL52C2V4) to 39V (TSZL52C39)
EXAMPLE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com