Electronic Components Datasheet Search
  English  ▼

X  

LR600 Datasheet(PDF) 3 Page - Littelfuse

Part # LR600
Description  LLNRK/LLSRK Series POWR-PRO Class RK1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LR600 Datasheet(HTML) 3 Page - Littelfuse

  LR600 Datasheet HTML 1Page - Littelfuse LR600 Datasheet HTML 2Page - Littelfuse LR600 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
14
LLNRK/LLSRK Series POWR-PRO® Class RK1
250/600 VAC s Dual-Element, Time-Delay s 1/10 – 600 Amperes
Current-Limiting Effects
of LLSRK (600V) fuses
* Prospective RMS Symmetrical Amperes Short-Circuit Current
** Apparent RMS Symmetrical
Note: Data derived from Peak Let-Thru Curves
Short
Peak Let-Thru Current**
Circuit
for various fuse ratings
Current*
30A
60A
100A
200A
400A
600A
5,000
1,060
1,600 2,100 2,600
4,100
—
10,000
1,350
2,000 2,800 3,400
5,250
8,000
15,000
1,600
2,300 3.200 3,900
6,000
9,000
20,000
1,700
2,600 3,600 4,500
6,700 10,000
25,000
1,900
2,800 3,800 4,800
7,500 11,000
30,000
2,000
3,000 4,100 5,200
8,000 12,000
35,000
2,100
3,100 4,400 5,700
8,500 12,500
40,000
2,200
3,300 4,600 6,000
9,000 13,000
50,000
2,400
3,500 4,900 6,500
9,500 14,000
60,000
2,500
3,800 5,200 7,000 10,000 15,000
80,000
2,700
4,000 5,700 7,750 11,000 17,000
100,000
2,900
4,200 6,200 8,500 12,000 18,000
150,000
3,200
4,600 7,300 10,000 14,000 21,000
200,000
3,300
4,700 8,000 11,000 16,000 23,000
100
200
300
400
600
800
1000
2000
3000
4000
6000
8000
10000
20000
30000
40000
60000
80000
100000
200000
300000
400000
600000
800000
1000000
600A
400A
200A
100A
60A
30A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
100
200
300
400
600
800
1000
2000
3000
4000
6000
8000
10000
20000
30000
40000
60000
80000
100000
200000
300000
400000
600000
800000
1000000
600A
400A
200A
100A
60A
30A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
Current-Limiting Effects
of LLNRK (250V) fuses
* Prospective RMS Symmetrical Amperes Short-Circuit Current
** Apparent RMS Symmetrical
Note: Data derived from Peak Let-Thru Curves
Short
Peak Let-Thru Current**
Circuit
for various fuse ratings
Current*
30A
60A
100A
200A
400A
600A
5,000
900
1,400 2,000 2,700
4,800
5,000
10,000
1,100
1,900 2,700 3,500
6,200
8,500
15,000
1,250
2,100 3,100 4,200
7,000
9,500
20,000
1,400
2,400 3,500 4,600
8,000 10,800
25,000
1,500
2,600 3,900 5,000
8,300 11,500
30,000
1,600
2,800 4,000 5,250
9,000 12,000
35,000
1,700
2,850 4,300 5,500
9,500 12,500
40,000
1,800
3,000 4,600 5,800
9,800 13,500
50,000
1,900
3,200 4,800 6,300 10,200 14,000
60,000
2,000
3,500 5,200 6,700 11,000 15,000
80,000
2,200
3,900 5,700 7,200 12,200 16,000
100,000
2,300
4,000 6,000 8,100 12,700 17,000
150,000
2,500
4,500 6,700 9,100 14,000 19,000
200,000
2,600
4,800 7,000 9,700 15,000 20,000
LLNRK
LLSRK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com