Electronic Components Datasheet Search
  English  ▼

X  

LR600 Datasheet(PDF) 1 Page - Littelfuse

Part # LR600
Description  LLNRK/LLSRK Series POWR-PRO Class RK1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LR600 Datasheet(HTML) 1 Page - Littelfuse

  LR600 Datasheet HTML 1Page - Littelfuse LR600 Datasheet HTML 2Page - Littelfuse LR600 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12
LLNRK/LLSRK Series POWR-PRO® Class RK1
250/600 VAC s Dual-Element, Time-Delay s 1/10 – 600 Amperes
SPECIFICATIONS
Voltage Ratings: AC: 250 Volts (LLNRK)
600 Volts (LLSRK)
DC: 125 Volts (LLNRK)
300 Volts (LLSRK)
Interrupting Ratings:
AC: 200,000 amperes rms symmetrical
300,000 amperes rms symmetrical
(Littelfuse self-certified)
DC: 20,000 amperes
Ampere Range: 1/10 – 600 amperes
Approvals:
AC: Standard 248-12, Class RK1
UL Listed (File No: E81895)
CSA Certified (File No: LR29862)
QPL: Federal Specification No. WF-1814
DC: Littelfuse self-certified
AMPERE RATINGS
1
⁄10
128⁄10
61⁄4
25
90
300
15
⁄100
11⁄8
3
7
30
100
350
2
⁄10
11⁄4
32⁄10
8
35
110
400
1
⁄4 *
14⁄10
31⁄2
9
40
125
450
3
⁄10
16⁄10
4
10
45
150
500
4
⁄10
18⁄10
41⁄2
12
50
175
600
1
⁄2
2515
60
200
6
⁄10
21⁄4
56⁄10
171⁄2
70
225
8
⁄10
21⁄2
6
2080250
* LLSRK Only.
Example part number (series & amperage): LLNRK 450
RECOMMENDED FUSE BLOCKS
LR250 series (LLNRK Series)
LR600 series (LLSRK Series)
Refer to Fuse Block section of this catalog for additional
information.
FEATURES/BENEFITS
s
Extremely current limiting — Reduces damage to circuits
and equipment under short-circuit conditions. Stops
damaging short circuits faster than any mechanical
protective device.
s
300kA Interrupting Rating — Littelfuse self-certified to
300,000 amperes as standard. Meets future trend towards
higher available short circuit currents.
s
Reduced costs — Current limiting design often permits
use of readily available, less costly equipment. Low
resistance design reduces power consumption and utility
bills.
s
Excellent time delay — True dual-element construction,
with separate non-fatiguing thermally-reversible spring-
loaded thermal overload element, withstands repeated
surges within rated time delay without opening needlessly.
Eliminates needless downtime caused by power surges or
equipment demands.
Littelfuse LLNRK and LLSRK series POWR-PRO® fuses
provide superior overload and short circuit protection for
service entrance, main, feeder and general-purpose branch
circuits up to 600 amperes.
LLNRK/LLSRK series fuses can be installed in existing Class
H fuse blocks to upgrade systems containing lower interrupt-
ing rating Class H one-time or renewable fuses.
APPLICATIONS
All general-purpose circuits
Motors
Transformers
Solenoids
Fluorescent lighting
All system components with high in-rush currents


Similar Part No. - LR600

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
LR600240A25 CRYDOM-LR600240A25 Datasheet
692Kb / 5P
PCB Mount
LR600240A25-120 CRYDOM-LR600240A25-120 Datasheet
621Kb / 5P
PCB Mount
logo
Sensata Technologies, I...
LR600240A25-120 SENSATA-LR600240A25-120 Datasheet
250Kb / 4P
PCB MOUNT SOLID STATE RELAYS
Rev:07/15/24
logo
Crydom Inc.,
LR600240A25-240 CRYDOM-LR600240A25-240 Datasheet
621Kb / 5P
PCB Mount
logo
Sensata Technologies, I...
LR600240A25-240 SENSATA-LR600240A25-240 Datasheet
250Kb / 4P
PCB MOUNT SOLID STATE RELAYS
Rev:07/15/24
More results

Similar Description - LR600

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
CCMR Series POWR-PRO CC Fuses
KLPC LITTELFUSE-KLPC Datasheet
90Kb / 3P
KLPC Series POWR-PRO Class L Fuses
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
CLASS RK1-KLNR KLSR SERIES FUSES
LLNRK-ID LITTELFUSE-LLNRK-ID Datasheet
503Kb / 3P
CLASS RK1-LLNRK LLSRK LLSRK ID SERIES FUSES
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLSRK LITTELFUSE-LLSRK Datasheet
404Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
Rev: 1-A-052022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com