Electronic Components Datasheet Search
  English  ▼

X  

DPLS350Y Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DPLS350Y
Description  50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS350Y Datasheet(HTML) 5 Page - Diodes Incorporated

  DPLS350Y_15 Datasheet HTML 1Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 2Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 3Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 4Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 5Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 6Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DPLS350Y
Document number: DS31149 Rev. 7 - 2
5 of 7
www.diodes.com
April 2014
© Diodes Incorporated
DPLS350Y
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
01
2
3
4
5
-V , COLLECTOR-EMITTER VOLTAGE (V)
CE
Figure 1 Typical Collector Current vs.Collector-Emitter Voltage
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B
-I , COLLECTOR CURRENT (A)
C
Figure 2 Typical DC Current Gain
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -2V
CE
0
0.1
0.2
0.3
0.0001
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Figure 3 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
-I , COLLECTOR CURRENT (A)
C
Figure 4 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -2V
CE
-I , COLLECTOR CURRENT (A)
C
Figure 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
V , REVERSE VOLTAGE (V)
R
Figure 6 Typical Output Capacitance Characteristics
f = 1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com