Electronic Components Datasheet Search
  English  ▼

X  

DPLS350Y Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DPLS350Y
Description  50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS350Y Datasheet(HTML) 1 Page - Diodes Incorporated

  DPLS350Y_15 Datasheet HTML 1Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 2Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 3Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 4Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 5Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 6Page - Diodes Incorporated DPLS350Y_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DPLS350Y
Document number: DS31149 Rev. 7 - 2
1 of 7
www.diodes.com
April 2014
© Diodes Incorporated
DPLS350Y
50V PNP LOW SATURATION POWER TRANSISTOR IN SOT89
Features
BVCEO > -50V
IC = -3A High Continuous Collector Current
ICM up to -5A Peak Pulse Current
2W Power Dissipation
Low Saturation Voltage VCE(sat) < -180mV @ 1A
RCE(sat) = 67mΩ @ 2A for a Low Equivalent On-Resistance
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DPLS350Y-13
P35
13
12
2,500
DPLS350Y-13R
P35
13
12
4,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green"
and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
P35 = Product Type Marking Code:
YWW = Date Code Marking
Y = Last digit of year ex: 1 = 2011
WW = Week code 01 - 52
(Top View)
P35
YWW
Top View
SOT89
Device Symbol
Top View
Pin-Out
C
E
C
B
C
E
B


Similar Part No. - DPLS350Y_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS350Y-13 DIODES-DPLS350Y-13 Datasheet
187Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31149 Rev. 4 - 2
More results

Similar Description - DPLS350Y_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z ZETEX-ZXTP2008Z Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
FCX619 DIODES-FCX619_13 Datasheet
251Kb / 6P
50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 7
FCX619 DIODES-FCX619_15 Datasheet
590Kb / 7P
50V NPN LOW SATURATION POWER TRANSISTOR IN SOT89
Rev 8
ZX5T955Z DIODES-ZX5T955Z_15 Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2014Z DIODES-ZXTP2014Z_15 Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com