Electronic Components Datasheet Search
  English  ▼

X  

L10C11 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # L10C11
Description  4/8-bit Variable Length Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L10C11 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  L10C11 Datasheet HTML 1Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 2Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 3Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 4Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 5Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DEVICES INCORPORATED
L10C11
4/8-bit Variable Length Shift Register
Pipeline Registers
03/27/2000–LDS.11-L
1
u
u
u
u
u Variable Length 4 or 8-bit Wide
Shift Register
u
u
u
u
u Selectable Delay Length from 3 to
18 Stages
u
u
u
u
u Low Power CMOS Technology
u
u
u
u
u Replaces Fairchild TMC2011
u
u
u
u
u Load, Shift, and Hold Instructions
u
u
u
u
u Separate Data In and Data Out Pins
u
u
u
u
u Package Styles Available:
• 24-pin Plastic DIP
• 28-pin Plastic LCC, J-Lead
FEATURES
DESCRIPTION
L10C11
4/8-bit Variable Length Shift Register
DEVICES INCORPORATED
The L10C11 is a high-speed, low
power CMOS variable length shift
register. The L10C11 consists of two
4-bit wide, adjustable length shift
registers. These registers share control
signals and a common clock. Both
shift registers can be programmed
together to any length from 3 to 18
stages inclusive, or one register can be
fixed at 18 stages of delay while the
other is variable. The configuration
implemented is determined by the
Length Code (L3-0) and the MODE
control line as shown in Table 1.
Each input is applied to a chain of
registers which are clocked on the
rising edge of the common CLK input.
These registers are numbered R1
through R17 and R1’ through R17’,
corresponding to the D3-0 and D7-4
data fields respectively. A multi-
plexer serves to route the contents of
any of registers R2 through R17 to the
output register, denoted R18. A
similar multiplexer operates on the
contents of R2’ through R17’ to load
R18’. Note that the minimum-length
path from data inputs to outputs is R1
to R2 to R18, consisting of three stages
of delay.
The MODE input determines whether
one or both of the internal shift
registers have variable length. When
MODE = 0, both D3-0 and D7-4 are
delayed by an amount which is
controlled by L3-0. When MODE = 1,
the D7-4 field is delayed by 18 stages
independent of L3-0.
The Length Code (L3-0) controls the
number of stages of delay applied to
the D inputs as shown in Table 1.
When the Length Code is 0, the inputs
are delayed by 3 clock periods. When
the Length Code is 1, the delay is 4
clock periods, and so forth. The
Length Code and MODE inputs are
latched on the rising edge of CLK.
Both the Length Code and MODE
values may be changed at any time
without affecting the contents of
registers R1 through R17 or R1’
through R17’.
L10C11 BLOCK DIAGRAM
D3-0
4
D7-4
4
L3-0
MODE
4
CLK
R17
R16
R15
R4
R3
R2
4
Y3-0
4
Y7-4
R17’
R16’
R15’
R4’
R3’
R2’


Similar Part No. - L10C11

ManufacturerPart #DatasheetDescription
logo
Powerbox
L10 POWERBOX-L10 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Linear Technology
L10-0112 LINER-L10-0112 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
L10-0116 LINER-L10-0116 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
CERAMIC FILTERS
logo
ECS, Inc.
L10.7 ECS-L10.7 Datasheet
145Kb / 1P
CERAMIC FILTER
More results

Similar Description - L10C11

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
Variable Length Static Shift Register
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
High-speed, 8-bit Variable-length Shift Register
SM5830P NPC-SM5830P Datasheet
228Kb / 8P
High-speed, 8-bit Variable-length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
1-to-64 bit variable length shift register
January 1995
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
Variable-Length Shift Register
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
1-to-64-bit Variable Length Shift Register
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
Variable-Length Shift Register
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com