Electronic Components Datasheet Search
  English  ▼

X  

L10C11 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # L10C11
Description  4/8-bit Variable Length Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L10C11 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  L10C11 Datasheet HTML 1Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 2Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 3Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 4Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 5Page - LOGIC Devices Incorporated L10C11 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DEVICES INCORPORATED
L10C11
4/8-bit Variable Length Shift Register
Pipeline Registers
03/27/2000–LDS.11-L
2
Length Code
Mode = 0
Mode = 1
Delay
Delay
L3
L2
L1
L0
Y3-0 Y7-4
Y3-0 Y7-4
000
0
3
3
3
18
000
1
4
4
4
18
001
0
5
5
5
18
001
1
6
6
6
18
010
0
7
7
7
18
010
1
8
8
8
18
011
0
9
9
9
18
0
1
1
1
1010
1018
1
0
0
0
1111
1118
1
0
0
1
1212
1218
1
0
1
0
1313
1318
1
0
1
1
1414
1418
1
1
0
0
1515
1518
1
1
0
1
1616
1618
1
1
1
0
1717
1718
1
1
1
1
1818
1818
TABLE 1.
CONTROL ENCODING
Storage temperature ..................................................... –65°C to +150°C
Operating ambient temperature ..................................... –55°C to +125°C
VCC supply voltage with respect to ground ...................... –0.5 V to +7.0 V
Input signal with respect to ground .................................. –3.0 V to +7.0 V
Signal applied to high impedance output ......................... –3.0 V to +7.0 V
Output current into low outputs ....................................................... 25 mA
Latchup current ......................................................................... > 400 mA
MAXIMUM RATINGS
Above which useful life may be impaired (Notes 1, 2, 3, 8)
OPERATING CONDITIONS
To meet specified electrical and switching characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VOH
Output High Voltage
VCC = Min., IOH = –12 mA
2.4
V
VOL
Output Low Voltage
VCC = Min., IOL = 24 mA
0.5
V
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
(Note 3)
0.0
0.8
V
IIX
Input Current
Ground
≤ VIN ≤ VCC (Note 12)
±20
µA
ICC1
VCC Current, Dynamic
(Notes 5, 6)
10
20
mA
ICC2
VCC Current, Quiescent
(Note 7)
1.0
mA
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
Mode
Temperature Range
Supply Voltage
Active Operation, Com.
0°C to +70°C
4.75 V £ VCC £ 5.25 V
Active Operation, Mil.
–55°C to +125°C
4.50 V £ VCC £ 5.50 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com