Electronic Components Datasheet Search
  English  ▼

X  

L2330 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # L2330
Description  Coordinate Transformer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2330 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  L2330 Datasheet HTML 1Page - LOGIC Devices Incorporated L2330 Datasheet HTML 2Page - LOGIC Devices Incorporated L2330 Datasheet HTML 3Page - LOGIC Devices Incorporated L2330 Datasheet HTML 4Page - LOGIC Devices Incorporated L2330 Datasheet HTML 5Page - LOGIC Devices Incorporated L2330 Datasheet HTML 6Page - LOGIC Devices Incorporated L2330 Datasheet HTML 7Page - LOGIC Devices Incorporated L2330 Datasheet HTML 8Page - LOGIC Devices Incorporated L2330 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DEVICES INCORPORATED
L2330
Coordinate Transformer
2
Special Arithmetic Functions
09/27/2001–LDS.2330-E
ACC1-0
Configuration
0 0
No accumulation (normal operation)
0 1
PM accumulator path enabled
1 0
FM accumulator path enabled
1 1
Logical OR of PM and FM (Nonsensical)
TABLE 2. ACCUMULATOR CONTROL
SIGNAL DEFINITIONS
Power
VCC and GND
+5V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers.
Inputs
XRIN15-0 — x-coordinate/Magnitude
Data Input
XRIN15-0 is the 16-bit Cartesian
x-coordinate/Polar Magnitude Data
input port. XRIN15-0 is latched on the
rising edge of CLK.
YPIN31-0 — y-coordinate/Phase Angle
Data Input
YPIN31-0 is the 32-bit Cartesian
y-coordinate/Polar Phase Angle Data
input port. When RTP is HIGH, the input
accumulators should not be used. When
ACC is LOW, the upper 16 bits of YPIN
are the input port and the lower 16 bits
become “don’t cares”. YPIN31-0 is latched
on the rising edge of CLK.
Outputs
RXOUT15-0 — x-coordinate/Magnitude
Data Output
RXOUT15-0 is the 16-bit Cartesian
x-coordinate/Polar Magnitude Data
output port. When OERX is HIGH,
RXOUT15-0 is forced into the high-
impedance state.
PYOUT15-0 — y-coordinate/Phase Angle
Data Output
PYOUT15-0 is the 16-bit Cartesian
y-coordinate/Polar Phase Angle Data
output port. When OEPY is HIGH,
PYOUT15-0 is forced into the high-
impedance state.
Controls
ENXR — x-coordinate/Magnitude Data
Input Enable
When ENXR is HIGH, XRIN is latched
into the input register on the rising
edge of clock. When ENXR is LOW,
the value stored in the register is
unchanged.
ENYP1-0 — y-coordinate/Phase Angle
Data Input Control
ENYP1-0 is the 2-bit y-coordinate/
Phase Angle Data Input Control that
determines four modes as shown in
ENYP1-0
MC
0 0
Hold
Hold
0 1
Load
Hold
1 0
Hold
Load
1 1
Clear
Load
TABLE 1. REGISTER OPERATION
L2330 FUNCTIONAL BLOCK DIAGRAM
RXOUT15-0
PYOUT15-0
16
16
16
16
16
n
OVF
n
16
16
TRANSFORM
PROCESSOR
OERX
OEPY
TCXY
RTP
32
32
32
XRIN15-0
32
YPIN31-0
32
ACC1
ACC0
ENXR
ENYP1-0
2
*
REQUIRES 18 CYCLES TO COMPLETE AND IS FULLY PIPELINED
*
**
**
WHEN RTP IS HIGH ’n’ IS 16-BITS, WHEN RTP IS LOW ’n’ IS 24-BITS
**
AM
PM
FM
MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com