Electronic Components Datasheet Search
  English  ▼

X  

L2330 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # L2330
Description  Coordinate Transformer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2330 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  L2330 Datasheet HTML 1Page - LOGIC Devices Incorporated L2330 Datasheet HTML 2Page - LOGIC Devices Incorporated L2330 Datasheet HTML 3Page - LOGIC Devices Incorporated L2330 Datasheet HTML 4Page - LOGIC Devices Incorporated L2330 Datasheet HTML 5Page - LOGIC Devices Incorporated L2330 Datasheet HTML 6Page - LOGIC Devices Incorporated L2330 Datasheet HTML 7Page - LOGIC Devices Incorporated L2330 Datasheet HTML 8Page - LOGIC Devices Incorporated L2330 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
5
L2330
Coordinate Transformer
09/27/2001–LDS.2330-E
x
y
32767
θ
32767
65535
r
A
B
C
65535
π/2
Conversion Ranges
The L2330 supports 16-bit unsigned
radii and 16-bit signed Cartesian
coordinates. Since the 16-bit rectangular
coordinate space does not completely
cover the polar space defined by 16-bit
radii, certain values of “r” will not map
correctly. This condition is indicated by
the overflow (OVF) flag.
In Polar-to-Rectangular conversions, no
overflow occurs for r
≤ 32767 (7FFFH).
Overflow will always occur when r >
46341 (B505H). Note that in signed
magnitude mode r = 46340 (B504H)
will also cause an overflow. For 32767
≤
r
≤ 46340, overflow may occur depend-
ing on the exact values of r and
θ.
Figure 2 shows, for the first quadrant,
these three regions: A = no overflow
(correct conversion), B = possible
overflow, C = overflow. The other
quadrants are mapped in a similar
manner.
When in signed magnitude mode, the
overflows on the other three quadrants
are the same as in the first. This occurs
because the signed magnitude number
system is symmetric about zero. For
example, if a given r and angle
θ cause
an overflow, the same r will cause an
overflow for the angles -
θ, π+θ , π-θ.
However, when in two’s complement
mode, the overflows aren’t quite the
same. This occurs because the two’s
FIGURE 2.
CONVERSION RANGES
complement number system is not
symmetric about zero. For example, if
the X or Y component of the input is
–32768 (8000H), no overflow occurs.
But if the X or Y component of the
input is +32768, overflow does occur.
When converting from Rectangular-to-
Polar, if both inputs are zero the radius
is zero but the angle is not defined.
The L2330 will output 4707H in this
case. Since the angle is not defined for a
zero length vector, this is not an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com