Electronic Components Datasheet Search
  English  ▼

X  

LF2242 Datasheet(PDF) 8 Page - LOGIC Devices Incorporated

Part # LF2242
Description  12/16-bit Half-Band Interpolating/ Decimating Digital Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2242 Datasheet(HTML) 8 Page - LOGIC Devices Incorporated

  LF2242 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2242 Datasheet HTML 8Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DEVICES INCORPORATED
LF2242
12/16-bit Half-Band Interpolating/
Decimating Digital Filter
Video Imaging Products
8
08/16/2000–LDS.2242-K
SO12
SO11
SO10
SO9
SO8
GND
VCC
SO7
SO6
SO5
SO4
GND
VCC
SI10
SI9
SI8
SI7
SI6
SI5
SI4
SI3
VCC
33
32
31
30
29
28
27
26
25
24
23
Top
View
1
2
3
4
5
6
7
8
9
10
11
44-pin
ORDERING INFORMATION
44
1
2
3
4
5
6
39
38
37
36
35
34
33
32
31
30
29
43 42 41 40
25
24
26 27 28
19
18
20 21 22 23
7
8
9
10
11
12
13
14
15
16
17
Top
View
SO12
SO11
SO10
SO9
SO8
GND
VCC
SO7
SO6
SO5
SO4
GND
VCC
SI10
SI9
SI8
SI7
SI6
SI5
SI4
SI3
VCC
44-pin
Speed
33 ns
25 ns
Plastic J-Lead Chip Carrier
(J1)
LF2242JC33
LF2242JC25
0°C to +70°C — COMMERCIAL SCREENING
Plastic Quad Flatpack
(Q4)
LF2242QC33
LF2242QC25
–40°C to +85°C — COMMERCIAL SCREENING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com