Electronic Components Datasheet Search
  English  ▼

X  

LF48908 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # LF48908
Description  Two Dimensional Convolver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48908 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF48908 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 9Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 10Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 11Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 12Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DEVICES INCORPORATED
9
LF48908
Two Dimensional Convolver
1
2
3
4
5
6
7
8
9
10
11
08/9/2000–LDS.48908-J
Video Imaging Products
LF48908–
50
31
25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
50
31
25
tPWH
Clock Pulse Width High
20
12
8
tPWL
Clock Pulse Width Low
20
13
8
tDS
Data Input Setup Time
14
13
8
tDH
Data Input Hold Time
0
0
0
tCS
CIN7-0 Setup Time
16
14
10
tCH
CIN7-0 Hold Time
0
0
0
tES
EALU Setup Time
14
12
10
tEH
EALU Hold Time
0
0
0
tD
Output Delay
22
16
15
tENA
Three-State Output Enable Delay (Note 11)
22
16
15
tDIS
Three-State Output Disable Delay (Note 11)
32
28
8
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
SWITCHING WAVEFORMS:CONVOLVER DATA I/O
CLK
tCYC
tPWL
tPWH
DIN7-0
CASI15-0
tDS
tDH
DOUT19-0
CASO7-0
tD
CIN7-0
tCS
tCH
EALU
tES
tEH
(ALU REG DATA)
OE
tD
tDIS
tENA
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com