Electronic Components Datasheet Search
  English  ▼

X  

LF48908 Datasheet(PDF) 14 Page - LOGIC Devices Incorporated

Part # LF48908
Description  Two Dimensional Convolver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48908 Datasheet(HTML) 14 Page - LOGIC Devices Incorporated

Back Button LF48908 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 9Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 10Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 11Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 12Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 13Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 14Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 15Page - LOGIC Devices Incorporated LF48908 Datasheet HTML 16Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DEVICES INCORPORATED
LF48908
Two Dimensional Convolver
14
Video Imaging Products
08/9/2000–LDS.48908-J
Plastic J-Lead Chip Carrier
(J3)
LF48908JC50
LF48908JC31
LF48908JC25
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
50 ns
31 ns
25 ns
84-pin
1
2
3
4
5
6
7
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
84 83 82 81 80 79
44
43
45 46 47
49
38
37
39 40 41 42
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
48
Top
View
8
9
10
11
78 77 76 75
36
35
34
33
50 51 52 53
CIN3
CIN4
CIN5
CIN6
CIN7
CIN8
CIN9
GND
CLK
VCC
HOLD
LD
CS
A2
A1
A0
EALU
CASI15
CASI14
CASI13
CASI12
CASO6
CASO7
DOUT0
DOUT1
DOUT2
GND
DOUT3
DOUT4
DOUT5
DOUT6
DOUT7
VCC
DOUT8
GND
DOUT9
DOUT10
DOUT11
DOUT12
DOUT13
DOUT14
GND
–40°C to +85°C — COMMERCIAL SCREENING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com