Electronic Components Datasheet Search
  English  ▼

X  

LMA1010 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LMA1010
Description  16 x 16-bit Multiplier-Accumulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMA1010 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LMA1010 Datasheet HTML 1Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 2Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 3Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 4Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 5Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 6Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICES INCORPORATED
LMA1010/2010
16 x 16-bit Multiplier-Accumulator
Multiplier-Accumulators
08/16/2000–LDS.10/2010-P
1
u
u
u
u
u 20 ns Multiply-Accumulate Time
u
u
u
u
u Replaces Fairchild TMC2210,
Cypress CY7C510, IDT 7210L,
and AMD Am29510
u
u
u
u
u Two’s Complement or Unsigned
Operands
u
u
u
u
u Accumulator Performs Preload,
Accumulate, and Subtract
u
u
u
u
u Three-State Outputs
u
u
u
u
u 68-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LMA1010/2010
16 x 16-bit Multiplier-Accumulator
DEVICES INCORPORATED
The LMA1010 and LMA2010 are
high-speed,
low
power
16-bit
multiplier-accumulators. The LMA1010
and LMA2010 are functionally identical;
they differ only in packaging. Full mili-
tary ambient temperature range opera-
tion is achieved with advanced CMOS
technology.
The LMA1010 and LMA2010 produce
the 32-bit product of two 16-bit numbers.
The results of a series of multiplications
may be accumulated to form the sum of
products. Accumulation is performed to
35-bit precision with the multiplier prod-
uct sign extended as appropriate.
Data present at the A and B input regis-
ters is latched on the rising edges of
CLK A and CLK B respectively. RND,
TC, ACC, and SUB controls are latched
on the rising edge of the logical OR of
CLK A and CLK B. TC specifies the
input as two’s complement
(TC HIGH) or unsigned magnitude
(TC LOW). RND, when HIGH, adds ‘1’
to the most significant bit position of
the least significant half of the product.
Subsequent truncation of the 16 least
significant bits produces a result
correctly rounded to 16-bit preci-
sion.
ACC and SUB control accumulator
operation.
ACC HIGH results in
addition of the multiplier product and
the accumulator contents, with the result
stored in the accumulator register on the
rising edge of CLK R. ACC and SUB
HIGH results in subtraction of the
accumulator contents from the
multiplierproduct, withtheresult stored
in the accumulator register. With ACC
LOW and SUB LOW, no accumulation
occurs and the next product is loaded
directly into the accumulator register.
ACC LOW and SUB HIGH is undefined.
The LMA1010/2010 output register
(accumulator register) is divided into
three independently controlled sec-
tions.
The least significant result
(LSR) and most significant result
(MSR) registers are 16 bits in length.
The extended result register (XTR) is
3 bits long. The output signals R15-0
and input signals B15-0 share the same
bidirectional pins.
Each output register has an indepen-
dent output enable control. In addition
to providing three-state control of the
output buffers, when OEX, OEM, or OEL
are HIGH and PREL is HIGH, data can be
preloaded via the bidirectional output
pins into the respective output registers.
Data present on the output pins is
latched on the rising edge of CLK R. The
interrelation of PREL and the enable
controls is summarized in Table 1.
LMA1010/2010 BLOCK DIAGRAM
A REGISTER
B REGISTER
16
16
A15-0
B15-0
R15-0
ACC
REGISTER
CLK A
CLK B
RND
32
R31-16
16
R + A
R – A
PASS R
LEM
LEL
LEX
16
R34-32
3
35
PRELOAD
CONTROL
LOGIC
3
CLK R
ACCUMULATOR
TC
SUB
R
A
OEL
OEX
OEM
PREL
LEL
LEX
LEM
OEL
OEX
OEM
OEX
OEM
OEL
3
35
3
16
16


Similar Part No. - LMA1010

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
LMA101.A.BI.001 TAOGLAS-LMA101.A.BI.001 Datasheet
2Mb / 26P
Gemini 2*LTE 4G MIMO Magnetic Antenna
LMA101ABI001 TAOGLAS-LMA101ABI001 Datasheet
3Mb / 26P
Gemini 2*LTE 4G MIMO Magnetic Antenna
More results

Similar Description - LMA1010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
April 1997
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
April 1997
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
16 X 16 Bit Complex Multiplier
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com