Electronic Components Datasheet Search
  English  ▼

X  

LMA1010 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # LMA1010
Description  16 x 16-bit Multiplier-Accumulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMA1010 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

  LMA1010 Datasheet HTML 1Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 2Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 3Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 4Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 5Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 6Page - LOGIC Devices Incorporated LMA1010 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DEVICES INCORPORATED
LMA1010/2010
16 x 16-bit Multiplier-Accumulator
Multiplier-Accumulators
08/16/2000–LDS.10/2010-P
7
Plastic J-Lead Chip Carrier
(J2)
LMA2010JC35
LMA2010JC25
68-pin
LMA2010 — ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
35 ns
25 ns
–55°C to +125°C — MIL-STD-883 COMPLIANT
–55°C to +125°C — COMMERCIAL SCREENING
67
68
64
65
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
3
Top
View
466
63 62
1
2
27
32 33 34 35 36 37 38
61
39 40
9
41 42 43
5
86
7
28 29 30 31
B2, R2
B3, R3
B4, R4
B5, R5
B6, R6
B7, R7
GND
GND
B8, R8
B9, R9
B10, R10
B11, R11
B12, R12
B13, R13
B14, R14
B15, R15
R16
A15
OEL
RND
SUB
ACC
CLK A
CLK B
VCC
VCC
VCC
VCC
TC
OEX
PREL
OEM
CLK R
R34



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com