Electronic Components Datasheet Search
  English  ▼

X  

SDF02N20 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SDF02N20
Description  Rugged and reliable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF02N20 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SDF02N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S mHop Microelectronics C orp.
a
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-220 and TO-220F Package.
N-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Sep,30,2013
1
Details are subject to change without notice.
S
G
D
Ver 1.0
G D S
SDF SERIES
TO-220F
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (
Ω) Typ
2A
200V
3.0 @ VGS=10V
Symbol
VDS
VGS
IDM
W
A
PD
°C
75
-55 to 175
ID
Units
Parameter
200
2
5.9
V
V
±30
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
SDP02N20
Drain Current-Continuous
-Pulsed
a
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
62.5
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TC=25°C
2
5.9
±30
SDF02N20
TC=100°C
A
1.4
1.4
37.5
W
TC=100°C
2
°C/W
Thermal Resistance, Junction-to-Case
R JC
EAS
Single Pulse Avalanche Energy
c
mJ
81
G D S
SDP SERIES
TO-220
25
12.5
a
62.5
6
SDP02N20
SDF02N20
Green
Product


Similar Part No. - SDF02N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDF02N65 SAMHOP-SDF02N65 Datasheet
193Kb / 11P
Rugged and reliable
More results

Similar Description - SDF02N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDF02N65 SAMHOP-SDF02N65 Datasheet
193Kb / 11P
Rugged and reliable
SDF03N80 SAMHOP-SDF03N80 Datasheet
195Kb / 11P
Rugged and reliable
SDF04N40 SAMHOP-SDF04N40 Datasheet
196Kb / 11P
Rugged and reliable
logo
SemiHow Co.,Ltd.
HRLE550P03K SEMIHOW-HRLE550P03K Datasheet
672Kb / 7P
Reliable and Rugged
logo
Kingbright Corporation
WP4060ED KINGBRIGHT-WP4060ED Datasheet
321Kb / 6P
Reliable and rugged
WP4060GD KINGBRIGHT-WP4060GD Datasheet
320Kb / 6P
Reliable and rugged
WP4060SRD KINGBRIGHT-WP4060SRD Datasheet
319Kb / 6P
Reliable and rugged
WP4060YD KINGBRIGHT-WP4060YD Datasheet
321Kb / 6P
Reliable and rugged
logo
SemiHow Co.,Ltd.
HRLO125N06K SEMIHOW-HRLO125N06K Datasheet
214Kb / 7P
Reliable and Rugged
HRO400N10K SEMIHOW-HRO400N10K Datasheet
234Kb / 7P
Reliable and Rugged
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com