Electronic Components Datasheet Search
  English  ▼

X  

SDF02N20 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDF02N20
Description  Rugged and reliable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDF02N20 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDF02N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDF02N20 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
F igure 8. B ody Diode F orwa rd V olta e
V a ria tion with S ource C urrent
V SD, B ody Diode F orward V oltage (V )
V GS , G ate- S ource Voltage (V )
F igure 7. On-R es is tance vs .
G ate-S ource V oltage
F igure 10. G a te C ha rge
Q g, T otal G ate Charge (nC)
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
Ver 1.0
www.samhop.com.tw
Sep,30,2013
4
12
10
8
6
4
2
0
10
0
25 C
ID= 1A
75 C
125 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
25 C
75 C
125 C
420
350
280
210
140
70
0
010
20
30
40
50
10
8
6
4
2
0
V DS =100V
ID= 1A
g
Cis s
Cos s
Crs s
0
12
34
V DS , Drain-S ource V oltage (V )
V DS , Drain-S ource V oltage (V )
Figure 11a. Maximum Safe Operating
Area for SDP02N20
Figure 11b. Maximum Safe Operating
Area for SDF02N20
10
1
0.1
0.01
0.1
1
10
100
RD
S(ON
) Limit
10ms
1m
s
DC
VGS=10V
Single Pulse
TC=25 C
SDP02N20
SDF02N20
10
1
0.1
0.01
0.1
1
10
100
RD
S(O
N) Limit
10ms
1ms
VGS=10V
Single Pulse
TC=25 C
DC
100u
s
246
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com