Electronic Components Datasheet Search
  English  ▼

X  

SMC405 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC405
Description  Violet LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC405 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC405 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC405 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17.08.2011
SMC405
1 of 2
SMC405
TECHNICAL DATA
Violet LED, SMD
InGaN
SMC405 are InGaN LEDs mounted on a ceramic SMD package and sealed with silicone resin for
damp proof. On forward bias, it emits a radiation of typical 4 mW at a peak wavelength of 405 nm.
Specifications
• Structure: InGaN
• Peak Wavelength: typ. 405 nm
• Optical Output Power: typ. 4 mW
• Package: Ceramic SMD, silicon resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
120
mW
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 5 seconds
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
-
3.8
4.8
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power
PO
IF = 20 mA
-
4
-
mW
Brightness
IV
IF = 20 mA
-
-
-
mcd
Peak Wavelength
λ
P
IF = 20 mA
395
405
415
nm
Half Width
Δλ
IF = 20 mA
-
15
-
nm
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±55
-
deg.
Brightness is measured by Tektronix J-16
Total Radiated Power is measured by Ando Optical Multi Meter AQ2140 & AQ2741
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMC405

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC40 SUNMATE-SMC40 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC400 SUNMATE-SMC400 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC400A SUNMATE-SMC400A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC400C SUNMATE-SMC400C Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC400CA SUNMATE-SMC400CA Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC405

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5355-UV MARKTECH-MT5355-UV Datasheet
689Kb / 2P
Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV Datasheet
692Kb / 2P
Ultra Violet LED
MT5375-UV MARKTECH-MT5375-UV Datasheet
697Kb / 2P
Ultra Violet LED
MT5400-UV MARKTECH-MT5400-UV Datasheet
1Mb / 4P
Ultra Violet LED
MT5355-UV MARKTECH-MT5355-UV_15 Datasheet
689Kb / 2P
Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV_15 Datasheet
692Kb / 2P
Ultra Violet LED
MT5375-UV MARKTECH-MT5375-UV_15 Datasheet
697Kb / 2P
Ultra Violet LED
MT5385-UV MARKTECH-MT5385-UV_15 Datasheet
1Mb / 4P
Ultra Violet LED
logo
Roithner LaserTechnik G...
SMC395 ROITHNER-SMC395 Datasheet
142Kb / 2P
Violet LED
SMC970 ROITHNER-SMC970 Datasheet
228Kb / 2P
Violet LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com