Electronic Components Datasheet Search
  English  ▼

X  

SMC405 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # SMC405
Description  Violet LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC405 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  SMC405 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC405 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17.08.2011
SMC405
2 of 2
Recommended Land Layout (Unit: mm)
1. Soldering Conditions
• DO NOT apply any stress to the lead particularly when heat.
• After soldering the LEDs should be protected from mechanical shock or vibration until the
LEDs return to room temperature.
• When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
Soldering Conditions
2. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2