Electronic Components Datasheet Search
  English  ▼

X  

BC856ALT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # BC856ALT1
Description  General Purpose Transistors(PNP Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC856ALT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  BC856ALT1 Datasheet HTML 1Page - Leshan Radio Company BC856ALT1 Datasheet HTML 2Page - Leshan Radio Company BC856ALT1 Datasheet HTML 3Page - Leshan Radio Company BC856ALT1 Datasheet HTML 4Page - Leshan Radio Company BC856ALT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M5–3/5
BC856ALT1, BLT1 BC857ALT1, BLT1, BC858ALT1, BLT1, CLT1
BC857/BC858
I
C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
–200
V
CE= –10 V
T
A = 25°C
2.0
1.5
1.0
0.7
0.5
0.3
0.2
–0.1
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
T
A = 25°C
V
BE(sat) @ I C /I B=10
V
BE(on) @ V CE = –10 V
V
CE(sat) @ I C /I B = 10
T
A = 25°C
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
1.0
1.2
1.6
2.0
2.4
2.8
I
B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I
C= –200 mA
–55°C to +125°C
I
C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.2
–1.0
–10
–100
–0.02
–0.1
–1.0
–10
–20
–2.0
–1.6
–1.2
–0.8
–0.4
0
I
C =
–10 mA
I
C= –100 mA
I
C= –20 mA
I
C= –50 mA
V
R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
I
C , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
T
A=25°C
V
CE =–10V
T
A = 25°C
C
ob
C
ib
400
300
200
100
80
60
40
30
20
10.0
7.0
5.0
3.0
2.0
1.0
–0.4
–0.6
–1.0
–2.0
–4.0
–6.0
–10
–20
–30
–40
–0.5
–1.0
–2.0
–3.0
–5.0
–10
–20
–30
–50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com