Electronic Components Datasheet Search
  English  ▼

X  

BC856ALT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BC856ALT1
Description  General Purpose Transistors(PNP Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC856ALT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BC856ALT1 Datasheet HTML 1Page - Leshan Radio Company BC856ALT1 Datasheet HTML 2Page - Leshan Radio Company BC856ALT1 Datasheet HTML 3Page - Leshan Radio Company BC856ALT1 Datasheet HTML 4Page - Leshan Radio Company BC856ALT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M5–1/5
1
3
2
General Purpose Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC856
BC857
BC858
Unit
Collector–Emitter Voltage
V CEO
–65
–45
–30
V
Collector–Base Voltage
V CBO
–80
–50
–30
V
Emitter–Base Voltage
V EBO
–5.0
–5.0
–5.0
V
Collector Current — Continuous
I C
–100
–100
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
Alumina Substrate, (2) T A = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
BC856ALT1 = 3A; BC856BLT1 = 3B; BC857ALT1 = 3E; BC857BLT1 = 3F;
BC858ALT1 = 3J; BC858BLT1 = 3K; BC858CLT1 = 3L
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC856 Series
– 65
—
—
(IC = –10 mA)
BC857 Series
V (BR)CEO
– 45
—
—
v
BC858 Series
– 30
—
—
Collector–Emitter Breakdown Voltage
BC856 Series
– 80
—
—
(IC = –10
µA, V
EB = 0)
BC857 Series
V (BR)CES
– 50
—
—
v
BC858 Series
– 30
—
—
Collector–Base Breakdown Voltage
BC856 Series
– 80
—
—
(IC = – 10
µA)
BC857 Series
V (BR)CBO
– 50
—
—
v
BC858 Series
– 30
—
—
Emitter–Base Breakdown Voltage
BC856 Series
– 5.0
—
—
(IE = – 1.0
µA)
BC857 Series,
V (BR)EBO
– 5.0
—
—
v
BC858 Series
– 5.0
—
—
Collector Cutoff Current (VCB = – 30 V)
I CBO
—
—
– 15
nA
(VCB = – 30 V, TA = 150°C)
—
—
– 4.0
µA
BC856ALT1, BLT1
BC857ALT1, BLT1
BC858ALT1, BLT1
CLT1
2
EMITTER
3
COLLECTOR
1
BASE
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
1.FR–5=1.0 x 0.75 x 0.062in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.


Similar Part No. - BC856ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC856ALT1 ONSEMI-BC856ALT1 Datasheet
109Kb / 8P
General Purpose Transistors
June, 2004 ??Rev. 8
BC856ALT1G ONSEMI-BC856ALT1G Datasheet
172Kb / 7P
General Purpose Transistors PNP Silicon
August, 2009 ??Rev. 11
BC856ALT1G ONSEMI-BC856ALT1G Datasheet
154Kb / 7P
General Purpose Transistors
October, 2016 ??Rev. 15
logo
First Silicon Co., Ltd
BC856ALT1G FS-BC856ALT1G Datasheet
179Kb / 8P
General Purpose Transistors
More results

Similar Description - BC856ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com