Electronic Components Datasheet Search
  English  ▼

X  

STBP438S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STBP438S
Description  Super high dense cell design for extremely low RDS(ON)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP438S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STBP438S Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP438S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STB/P438S
www.samhop.com.tw
Feb,05,2009
4
VGS, Gate-Source Voltage (V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage (V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to Source Voltage (V)
Figure 9. Capacitance
Qg, Total Gate Charge (nC)
Figure 10. Gate Charge
Rg, Gate Resistance (
Ω)
Figure 11. Switching Characteristics
VDS, Gate-Source Voltage (V)
Figure 12. Maximum Safe
Operating Area
100
10
0.1
1
400
1
10
100
V GS =10V
S ingle P uls e
T c=25 C
30
25
20
15
10
5
0
2
4
6
8
10
0
ID=20A
25 C
75 C
125 C
10
1
60
0
0.24
0.48
0.72
0.96
1.20
125 C
25 C
75 C
1800
1500
1200
900
600
300
0
10
15
20
25
30
0
5
C is s
C os s
C rs s
10
8
6
4
2
0
0
4
8
12
16 20
24
28
32
V DS =20V
ID=20A
1
10
100
1
10
100
Tf
TD(on)
Tr
TD(off )
VDS=20V,ID=1A
VGS=10V
300
Ver1.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com