Electronic Components Datasheet Search
  English  ▼

X  

STBP4410 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STBP4410
Description  Super high dense cell design for extremely low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP4410 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STBP4410 Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 8Page - SamHop Microelectronics Corp. STBP4410 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STB4410
STP4410
Ver 1.0
www.samhop.com.tw
Dec,26,2014
3
Tj( °
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance Variation with Drain
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
and Gate Voltage
Current and Temperature
with Temperature
with Temperature
VGS =10V
0.5
1.0
1.5
2.0
2.5
3.0
VGS =6V
28
21
14
7
0
35
0
1
2
3
4
5
6
18
15
12
9
6
3
0
20
40
60
80
100
1
V GS =10V
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0
25
50
75
150
100
125
V GS =10V
ID=37.5A
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
150
V DS =V GS
ID=250uA
-50
-25
0
25
50
75
100 125 150
1.3
1.2
1.1
1.0
0.9
0.8
0.7
ID=250uA
0
0
20
40
60
80
100
-55 C
25 C
Tj=125 C
100
75
50
25
0125
VGS =5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com