Electronic Components Datasheet Search
  English  ▼

X  

LT1941 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 1 Page - Linear Technology

  LT1941_15 Datasheet HTML 1Page - Linear Technology LT1941_15 Datasheet HTML 2Page - Linear Technology LT1941_15 Datasheet HTML 3Page - Linear Technology LT1941_15 Datasheet HTML 4Page - Linear Technology LT1941_15 Datasheet HTML 5Page - Linear Technology LT1941_15 Datasheet HTML 6Page - Linear Technology LT1941_15 Datasheet HTML 7Page - Linear Technology LT1941_15 Datasheet HTML 8Page - Linear Technology LT1941_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1941
1
1941fb
TYPICAL APPLICATION
DESCRIPTION
Triple Monolithic
Switching Regulator
The LT®1941 is a triple current mode DC/DC converter
with internal power switches. Two of the regulators are
step-down converters with 3A and 2A power switches.
The third regulator can be configured as a boost, inverter
or SEPIC converter and has a 1.5A power switch. All
three converters are synchronized to a 1.1MHz oscillator.
The two step-down converters run with opposite phase,
reducing input ripple current. The output voltages are
set with external resistor dividers and each regulator
has independent shutdown and soft-start circuits. Each
regulator generates a power good signal when its output
is in regulation, easing power supply sequencing and
interfacing with microcontrollers and DSPs.
The high switching frequency offers several advantages
by permitting the use of small inductors and ceramic
capacitors, leading to a very small triple output solution.
The constant switching frequency, combined with low
impedance ceramic capacitors, result in low, predictable
output ripple. With its wide input voltage range of 3.5V to
25V, the LT1941 regulates a broad array of power sources
from 4-cell batteries and 5V logic rails to unregulated wall
transformers, lead acid batteries and distributed-power
supplies.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Wide Input Range: 3.5V to 25V
n Three Switching Regulators with Internal Power
Switches: 3A Step-Down, 2A Step-Down,
1.5A Inverting/Boost
n Antiphase Switching Reduces Ripple
n Independent Shutdown/Soft-Start Pins
n Independent Power Good Indicators Ease Supply
Sequencing
n Input Voltage Power Good Indicators Monitor Input
Supply
n Uses Small Inductors and Ceramic Capacitors
n Constant 1.1MHz Switching Frequency
n Thermally Enhanced 28-Lead TSSOP Package
n Cable Modems
n DSL Modems
n Distributed Power Regulation
n Wall Transformer Regulation
n Disk Drives
n DSP Power
Figure 1. Triple Output Power Supply: 3.3V, 1.8V, –12V
Start-Up Waveforms
with Sequencing
VOUT2
VOUT1
LT1941
VIN
GND
0.22μF
22μF
1000pF
1.5nF
1.5nF
3300pF
13.7k
133k
2.49k
10k
VIN
4.7V TO 14V
5GOOD
12GOOD
VOUT1
1.8V
2.4A
VOUT3
–12V
350mA*
3.3μH
3μH
22μH
22μH
10.7k
13.7k
7.32k
3.3k
1.5k
1941 F01
130k
100k
100k
100k
100k
PGOOD1
PGOOD2
PGOOD3
VOUT2
3.3V
1.4A
0.22μF
33μF
1μF
10μF
*240mA AT VIN = 5V, 550mA AT VIN = 12V
10μF
22nF
PGOOD1
PGOOD2
PGOOD3
BOOST2
SW2
FB2
VC2
SW1
FB1
VC1
RUNSS2
BIAS1
BIAS2
VC3
RUNSS3
RUNSS1
SW3
NFB
FB3
5GOOD
12GOOD
BOOST1
1.5nF
RUN/SS
2V/DIV
2ms/DIV
VOUT1
2V/DIV
VOUT2
5V/DIV
VOUT3
10V/DIV
IVIN(AVE)
1A/DIV
PGOOD2
5V/DIV
1941 F01b


Similar Part No. - LT1941_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1941-81 ETC-LT1941-81 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
logo
Linear Technology
LT1941EFE LINER-LT1941EFE Datasheet
328Kb / 24P
Triple Monolithic Switching Regulator
logo
List of Unclassifed Man...
LT1941R-81 ETC-LT1941R-81 Datasheet
455Kb / 1P
SQUARE TYPE Electrical/Optical Characteristics at TA=25℃
More results

Similar Description - LT1941_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1941 LINER-LT1941 Datasheet
328Kb / 24P
Triple Monolithic Switching Regulator
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
Triple Output Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
logo
Allegro MicroSystems
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
Triple Output Step-Down Switching Regulator
logo
Linear Technology
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
Triple Monolithic Step-Down Regulator with LDO
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
42V Triple Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com