Electronic Components Datasheet Search
  English  ▼

X  

LT1941 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1941
Description  Triple Monolithic Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1941 Datasheet(HTML) 5 Page - Linear Technology

  LT1941_15 Datasheet HTML 1Page - Linear Technology LT1941_15 Datasheet HTML 2Page - Linear Technology LT1941_15 Datasheet HTML 3Page - Linear Technology LT1941_15 Datasheet HTML 4Page - Linear Technology LT1941_15 Datasheet HTML 5Page - Linear Technology LT1941_15 Datasheet HTML 6Page - Linear Technology LT1941_15 Datasheet HTML 7Page - Linear Technology LT1941_15 Datasheet HTML 8Page - Linear Technology LT1941_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1941
5
1941fb
TYPICAL PERFORMANCE CHARACTERISTICS
SW1 Current Limit vs Duty Cycle
SW2 Current Limit vs Duty Cycle
BOOST2 Pin Current
SW1 VCESAT
SW2 VCESAT
SW3 VCESAT
Efficiency, VOUT1 = 1.8V
Efficiency, VOUT2 = 3.3V
Efficiency, VOUT3 = –12V
LOAD CURRENT (A)
0
70
80
2
1941 G01
60
50
0.5
1
1.5
2.5
90
VIN = 5V
TA = 25°C
LOAD CURRENT (A)
0
50
60
70
80
90
0.25
0.5
0.75
1
1941 G07
1.25
1.5
VIN = 5V
TA = 25°C
LOAD CURRENT (mA)
0
50
60
70
80
90
50
100
150
200
1941 G08
250
300
VIN = 5V
TA = 25°C
SWITCH CURRENT (A)
0
0
100
200
300
400
500
0.5
1
1.5
2
1941 G02
2.5
3
TA = 25°C
DUTY CYCLE (%)
0
3.0
4.0
5.0
80
1941 G03
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
20
40
60
100
TYPICAL
MINIMUM
DUTY CYCLE (%)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
1941 G06
100
TYPICAL
MINIMUM
SWITCH CURRENT (A)
0
0
100
200
300
400
600
500
0.5
1
1941 G09
1.5
2
TA = 25°C
SW2 PIN CURRENT (A)
0
20
30
2
1941 G11
10
0
0.5
1
1.5
40
TA = 25°C
SWITCH CURRENT (A)
0
100
200
300
400
500
1941 G10
0
0.25
0.5
0.75
1
1.25
1.5
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com