Electronic Components Datasheet Search
  English  ▼

X  

UPD78P324 Datasheet(PDF) 69 Page - NEC

Part # UPD78P324
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324 Datasheet(HTML) 69 Page - NEC

Back Button UPD78P324 Datasheet HTML 65Page - NEC UPD78P324 Datasheet HTML 66Page - NEC UPD78P324 Datasheet HTML 67Page - NEC UPD78P324 Datasheet HTML 68Page - NEC UPD78P324 Datasheet HTML 69Page - NEC UPD78P324 Datasheet HTML 70Page - NEC UPD78P324 Datasheet HTML 71Page - NEC UPD78P324 Datasheet HTML 72Page - NEC UPD78P324 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
µPD78P324, 78P324(A)
69
9.
RECOMMENDED SOLDERING CONDITIONS
Please solder the package of this product under the conditions recommended as follows.
For details of the recommended conditions for soldering, please refer to the information document
“Semiconductor Device Mounting Technology Manual” (IEI-1207).
For soldering methods and conditions other than those recommended below, please contact NEC sales
personnel.
Table 9-1. Soldering Conditions for Surface-Mount Type (1)
µPD78P324GJ-5BJ
: 74-pin plastic QFP (20 x 20 mm)
µPD78P324LP
: 68-pin plastic QFJ (s
s 950 mil)
µPD78P324LP(A)
: 68-pin plastic QFJ (s
s 950 mil)
µPD78P324LP(A1)
: 68-pin plastic QFJ (s
s 950 mil)
µPD78P324LP(A2)
: 68-pin plastic QFJ (s
s 950 mil)
Soldering Method
Soldering Condition
Infrared reflow
Package peak temperature : 230
°C; time : within 30 secs (210 °C or more);
count: once; day limit : 7 daysNote (hereafter, pre-baked for 36 hrs at 125
°C)
VPS
Package peak temperature : 215
°C; time : within 40 secs (200 °C or more);
count: once; day limit : 7 daysNote (hereafter, pre-baked for 36 hrs at 125
°C)
Wave soldering
Solder bath temperature: no more than 260
°C; time : within 10 secs; count:
once; preheating temperature : 120
°C max. (package surface temperature);
day limit : 7 daysNote (hereafter, pre-baked for 36 hours at 125
°C)
Pin part heating
Pin temperature : no more than 300
°C; time : within 3 secs (per device side)
Recommended
Condition Symbol
IR30-367-1
VP15-367-1
WS60-367-1
—
Note
Refers to the number of days for storage after the dry pack is opened. The storage conditions are 25
°C
and no more than 65 %RH.
Caution
Avoid using multiple soldering methods at the same time (except the pin part heating method).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com