Electronic Components Datasheet Search
  English  ▼

X  

UPD78P324 Datasheet(PDF) 17 Page - NEC

Part # UPD78P324
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324 Datasheet(HTML) 17 Page - NEC

Back Button UPD78P324 Datasheet HTML 13Page - NEC UPD78P324 Datasheet HTML 14Page - NEC UPD78P324 Datasheet HTML 15Page - NEC UPD78P324 Datasheet HTML 16Page - NEC UPD78P324 Datasheet HTML 17Page - NEC UPD78P324 Datasheet HTML 18Page - NEC UPD78P324 Datasheet HTML 19Page - NEC UPD78P324 Datasheet HTML 20Page - NEC UPD78P324 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
µPD78P324, 78P324(A)
17
3.
PROM PROGRAMMING
The
µPD78P324 incorporates an electrically writable 32768-by-8-bit program PROM and an 8192-by-6-bit
ECC (error correcting code) PROM.
ECC corrects the errors in codes written in the program PROM, thus improving the reliability of the PROM
content. Figure 3-1 shows the memory map in programming mode.
Figure 3-1. Memory Map in Programming Mode
ECC (for ECW)
ECW
(4 x 8)
PROM for ECCNote
(8192 x 6)
Program PROM
(32768 x 8)
A004H
A003H
A000H
9FFFH
8000H
7FFFH
0000H
Note
On the ECC PROM, the lower 6 bits are valid.
When programming, set the RESET pin and the AVDD pin to PROM programming mode. The programming
characteristics of the
µPD78P324 are compatible with the µPD27C1001A. However, the programming mode
is compatible only with the byte program mode of the
µPD27C1001A. For setting on the PROM programmer,
please select the byte program mode of the 27C1001A mode.
When using the ECC circuit, reset the lowest bit (A000.0) of the lowest byte of the ECW (ECC control word)
to enable the operation of the ECC circuit. ECW is a 4-byte register which controls the operation of the ECC
circuit. ECC and ECW are generated automatically with the ECCGEN (ECC generator) which comes with the
RA78K3 assembler package. (ECC is generated in the lower 6 bits; and the upper 2 bits are fixed to 1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com