Electronic Components Datasheet Search
  English  ▼

X  

STS3417 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STS3417
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3417 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STS3417 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STS3417
Ver 1.0
www.samhop.com.tw
Aug,29,2012
3
Drain-Source Voltage -VDS
(V)
ID -VDS
Gate-Source Voltage -VGS (V)
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
VGS=1.5V
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
-55 C
Tj=100 C
25 C
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
I D =- 3A
-1 .5A
110
100
1
10
1000
0.1
Drain-Source Voltage -VDS
(V)
ID -VDS
ID -VGS
VDS -VGS
Gate-Source Voltage -VGS (V)
Drain Current -ID (A)
RDS(ON) -ID
1.6
1.7
2.0
1.8
2.2
2.5
125
100
75
50
25
0
-80
80
40
-40
0
120
160
Ambient temperature Ta (°C)
ID = -0.75, -1.5, -3A
VGS=-4.5V
VGS=-2.5V
RDS(ON) -Ta
3.0
-0. 75 A
3.5
4.5
15
12
9
6
3
0
0
0.4
0.8
1.2
1.6
2.0
VGS=1.5V
1.6
1.7
1.8
1.9
3.5
2.2
3.0
ID = -0.75, -1.5, -3A
150
100
V G S =-2.5V
V G S =-4.5 V
4.5
2.5
2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com