Electronic Components Datasheet Search
  English  ▼

X  

STS3417 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS3417
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3417 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS3417 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3417 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STS3417
Ver 1.0
www.samhop.com.tw
Aug.29,2012
4
Total gate charge Qg (nC)
7.5
6.0
4.5
3.0
1.5
0
50
40
30
20
10
0
03
6
9
12
Ambient temperature Ta (°C)
2.5
2.0
1.5
1.0
0.5
0
0
40
80
120
160
-80
80
40
-40
0
1.0
0.8
0.6
0.4
0.2
0
120
160
Drain-source voltage -VDS (V)
100
10
0.1
0
0.2
0.4
0.6
0.8
1.0
1
IDR
VDS
100
10
Drain-source voltage -VDS (V)
110
100
0.1
1000
Crss
Ciss
Coss
Capacitance
VDS
Vth
Ta
Ambient temperature Ta (°C)
PD
Ta
Dynamic input/output characteristics
VDS=VGS
ID=-250uA
ID=-1.5A
VDD=-24V
VDD=-24V
-12
-12
-6
1.2
VGS=0V
1
4.5
2
3
-6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com