Electronic Components Datasheet Search
  English  ▼

X  

STS3620 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STS3620
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3620 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STS3620 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS3620 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS3620
www.samhop.com.tw
Jul,30,2013
2
VGS= ±12V , VDS=0V
VGS=0V,IS= 1A
0.82
30
1
±10
0.5
9.2
203
26
15
17
14
205
31
3.8
0.6
1.3
VDS=15V,VGS=0V
VDD=15V
ID=1A
VGS=10V
RGEN= 6 ohm
VDS=10V , ID=1.3A
VDS=24V , VGS=0V
VGS=0V , ID=250uA
0.9
1.5
Symbol
Min
Typ
Max
Units
BVDSS
V
IGSS
uA
VGS(th)
V
gFS
S
VSD
CISS
pF
COSS
pF
CRSS
pF
Qg
nC
nC
Qgs
nC
Qgd
tD(ON)
ns
tr
ns
tD(OFF)
ns
tf
ns
Gate-Drain Charge
SWITCHING CHARACTERISTICS
Gate-Source Charge
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=15V,ID=1.3A,VGS=10V
Fall Time
Turn-On Delay Time
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
ON CHARACTERISTICS
c
c
VDS=15V,ID=1.3A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
1.2
V
Notes
_
_
_
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
f=1.0MHz
VDS=VGS , ID=250uA
Ver 2.0
95
VGS=2.5V , ID=1.1A
128
m ohm
69
VGS=10V , ID=1.3A
86
m ohm
77
VGS=4.5V , ID=1.2A
100
m ohm
RDS(ON)
Drain-Source On-State Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com