Electronic Components Datasheet Search
  English  ▼

X  

STS8216 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS8216
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8216 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS8216 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8216 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8216 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8216 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8216 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8216 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8216 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STS8216
Ver 1.0
www.samhop.com.tw
Sep,11,2009
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Crss
Coss
Ciss
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
60
50
40
30
20
10
0
2
2.5
3
3.5
0
Gate-Source Voltage
Variation with Source Current
900
750
600
450
300
150
0
0
4
3
2
1
0
0
2
4
6
8
10
12
14 16
V DS = 10V
ID=6 A
125 C
25 C
75 C
2
4
6
8
10
12
60
10
1
0.1
0.1
1
10
30 50
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
1
10
100
100
10
1
1000
VDS=10V,ID=1A
VGS=4V
TD(on)
Tr
TD(off)
Tf
25 C
125 C
75 C
R
DS
(O
N)
Lim
it
V GS =4V
S ingle P uls e
T A=25 C
100
us
DC
100
ms
1m
s
10m
s
6
60
4
ID=6 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com