Electronic Components Datasheet Search
  English  ▼

X  

UPD78C12AL Datasheet(PDF) 8 Page - NEC

Part # UPD78C12AL
Description  8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C12AL Datasheet(HTML) 8 Page - NEC

Back Button UPD78C12AL Datasheet HTML 4Page - NEC UPD78C12AL Datasheet HTML 5Page - NEC UPD78C12AL Datasheet HTML 6Page - NEC UPD78C12AL Datasheet HTML 7Page - NEC UPD78C12AL Datasheet HTML 8Page - NEC UPD78C12AL Datasheet HTML 9Page - NEC UPD78C12AL Datasheet HTML 10Page - NEC UPD78C12AL Datasheet HTML 11Page - NEC UPD78C12AL Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
µPD78C10A,78C11A,78C12A
µPD78C11A and 78C12A sets MODE0 pin to “0” (low level), and MODE1 pin to “1” (high
level*)
µPD78C10A allows you to set MODE0, MODE1 pins to select 4K, 16K, or 64K bytes for the
size of the memory which is installed externally.
MODE0
MODE1
External Memory
0
0
4K bytes
1
0
16K bytes
1
1
64K bytes
Also, when each of MODE0 and MODE1 pins is set to “1”*, it is synchronized to ALE to output
a control signal.
1.1
LIST OF PIN FUNCTION (2/2)
Function
Pin Name
I/O
Input-output
MODE0
MODE1
(Mode)
Input
Control signal input pin in hardware STOP mode. The oscillation stops when a clock is
supplied from outside.
8 pins of analog input to A/D converter. AN7 to AN4 can be used as edge detection (falling
edge) input.
*
Pull-up. Pull-up resister R is 4 [k
Ω] ≤ R ≤ 0.4 tCYC [kΩ] (tCYC is ns unit).
Remarks The
µPD78C11A and µPD78C12A are pull-up resistor incorporation specifiable by mask option at ports
A, B and C.
NMI
(Non-Maskable
Interrupt)
INT1
(Interrupt
Request)
Input
Non-maskable interrupt input pin of the edge trigger (falling edge)
A maskable interrupt input pin of the edge trigger (rising edge). Also, it can be used as a
zero-cross detection pin for AC input.
Input
AN7 to AN0
(Analog Input)
VAREF
(Reference
Voltage)
Input
A common pin serving both as a standard voltage input pin for A/D converter and as a
control pin for A/D converter operation.
AVDD
(Analog VDD)
Power supply pin for A/D converter.
AVSS
(Analog VSS)
GND pin for A/D converter.
X1, X2
(Crystal)
RESET
(Reset)
STOP
(Stop)
VDD
VSS
Crystal connection pins for system clock oscillation. X1 should be input when a clock is
supplied from outside. Input the clock of the reverse phase of X1 to X2.
Input
Low-level active system reset input.
Positive power supply pin.
GND pin.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com