Electronic Components Datasheet Search
  English  ▼

X  

UPD78C12AL Datasheet(PDF) 1 Page - NEC

Part # UPD78C12AL
Description  8-BIT SINGLE-CHIP MICROCOMPUTER WITH A/D CONVERTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C12AL Datasheet(HTML) 1 Page - NEC

  UPD78C12AL Datasheet HTML 1Page - NEC UPD78C12AL Datasheet HTML 2Page - NEC UPD78C12AL Datasheet HTML 3Page - NEC UPD78C12AL Datasheet HTML 4Page - NEC UPD78C12AL Datasheet HTML 5Page - NEC UPD78C12AL Datasheet HTML 6Page - NEC UPD78C12AL Datasheet HTML 7Page - NEC UPD78C12AL Datasheet HTML 8Page - NEC UPD78C12AL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
The mark 5 shows major revised points.
8-BIT SINGLE-CHIP MICROCOMPUTER (WITH A/D CONVERTER)
MOS INTEGRATED CIRCUIT
DATA SHEET
The information in this document is subject to change without notice.
DATA SHEET
Document No. IC-2678C
(O. D. No. IC-7769E)
Date Published February 1995 P
Printed in Japan
DESCRIPTION
The
µPD78C11A is a CMOS 8-bit microprocessor which can integrate 16-bit ALU, ROM, RAM, an A/D converter,
a multi-function timer/event counter, and a general-purpose serial interface into a single chip, then expand the
memory (ROM/RAM) up to 60K bytes externally. The
µPD78C10A is a ROM-less product of the µPD78C11A, and can
directly address the external memory up to 64k bytes. The
µPD78C12A is a product which has more built-in ROM
capacity than the
µPD78C11A, and its memory (ROM/RAM) can be externally extended up to 56K bytes. The
µPD78C10A, µPD78C11A, and µPD78C12A operated at low power consumption, because they have a CMOS
construction. Also, they can hold data with low power consumption by using standby function.
On-chip PROM products,
µPD78CP14 and µPD78CP18 which are ideal for evaluation or preproduction use during
system development, early start-up and short-run multiple-device production of application sets, are available.
FEATURES
• Abundant 159 types of instructions : 87AD series instruction set, multiplication/division instructions,
16-bit operation instructions
• Instruction cycle : 0.8
µs (at 15 MHz operation)
• On-chip ROM : 4096W × 8 (
µPD78C11A), 8192W × 8 (µPD78C12A)
Non (
µPD78C10A)
• On-chip RAM : 256W × 8
• High-precision 8-bit A/D converter : 8 analog inputs
• General-purpose serial interface : Asynchronous, synchronous, I/O interface mode
• Multi-function 16-bit timer/event counter
• Two 8-bit timers
• I/O lines : 32 (
µPD78C10A), 44 (µPD78C11A, 78C12A)
• Interrupt function (external - 3, internal - 8) : Non-maskable interrupt × 1, maskable interrupt × 10
• Standby function : HALT mode, hardware/software STOP mode
• Zero-cross detection function : (2 inputs)
• On-chip pull-up resistor (port A, B, C:
µPD78C11A, 78C12A only) by mask option
Caution
The
µPD78C10A does not hava a mask option.
µPD78C10A, 78C11A, 78C12A
©
1990


Similar Part No. - UPD78C12AL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78C10A RENESAS-UPD78C10A Datasheet
779Kb / 68P
MOS INTEGRATED CIRCUIT
1990
logo
NEC
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Renesas Technology Corp
UPD78C14 RENESAS-UPD78C14 Datasheet
436Kb / 54P
MOS INTEGRATED CIRCUIT
1991
logo
NEC
UPD78C14A NEC-UPD78C14A Datasheet
256Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Renesas Technology Corp
UPD78C14A RENESAS-UPD78C14A Datasheet
4Mb / 100P
MOS INTEGRATED CIRCUIT
1990
More results

Similar Description - UPD78C12AL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Sharp Corporation
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Motorola, Inc
MC68HC11EA9 MOTOROLA-MC68HC11EA9 Datasheet
270Kb / 2P
8 BIT HCMOS SINGLE CHIP MICROCONTOROLLER WITH A/D CONVERTER
logo
fujitsu semiconductor
MB88210 FUJITSU-MB88210 Datasheet
1Mb / 24P
CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com