Electronic Components Datasheet Search
  English  ▼

X  

2N6530 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6530
Description  NPN POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6530 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6530 Datasheet HTML 1Page - Central Semiconductor Corp 2N6530 Datasheet HTML 2Page - Central Semiconductor Corp 2N6530 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(CONTINUED ON REVERSE SIDE)
R0
2N6530
2N6531
2N6532
2N6533
NPN POWER TRANSISTOR
TO-220 CASE
DATA SHEET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6530 Series are NPN silicon Darlington transistors designed for power
applications requiring extremely high gain.
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
2N6530
2N6531
2N6532
2N6533
UNITS
Collector-Base Voltage
VCBO
80
100
100
120
V
Collector-Emitter Voltage
VCER
80
100
100
120
V
Collector-Emitter Voltage
VCEV
80
100
100
120
V
Collector-Emitter Voltage
VCEO
80
100
100
120
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
8.0
A
Peak Collector Current
ICM
15
A
Power Dissipation
PD
65
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
1.92
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N6530
2N6531
2N6532
2N6533
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
MIN MAX
UNITS
ICEO
VCE=Rated VCEO
1.0
1.0
1.0
1.0
mA
ICEV
VCE=Rated VCEV,
0.5
0.5
0.5
0.5
mA
VEB=1.5V
ICEV
VCE=Rated VCEV,
5.0
5.0
5.0
5.0
mA
VEB=5.0V, TC=125°C
IEBO
VEB=5.0V
5.0
5.0
5.0
5.0
mA
BVCER
IC=200mA, RBE=100Ω
80
100
100
120
V
BVCEO
IC=200mA
80
100
100
120
V
BVCEV
IC=200mA, VEB=1.5V
80
100
100
120
V
VCE(SAT)
IC=3.0A, IB=6.0mA
3.0
2.0
V
VCE(SAT)
IC=5.0A, IB=10mA
2.0
2.0
V
VCE(SAT)
IC=8.0A, IB=80mA
3.0
3.0
3.0
3.0
V
VBE(ON)
VCE=3.0V, IC=3.0A
2.8
2.8
V
VBE(ON)
VCE=3.0V, IC=5.0A
2.8
2.8
V
VBE(ON)
VCE=3.0V, IC=8.0A
4.5
4.5
4.5
4.5
V


Similar Part No. - 2N6530

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6530 ETC-2N6530 Datasheet
296Kb / 6P
8-AMPERE N-P-N DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2N6530 SAVANTIC-2N6530 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
2N6530 SAVANTIC-2N6530 Datasheet
100Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
2N6530 ISC-2N6530 Datasheet
150Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2N6530

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
NPN power transistor
1999 Apr 12
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
POWER NPN TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
NPN power transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com