Electronic Components Datasheet Search
  English  ▼

X  

2N6530 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N6530
Description  NPN POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6530 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N6530 Datasheet HTML 1Page - Central Semiconductor Corp 2N6530 Datasheet HTML 2Page - Central Semiconductor Corp 2N6530 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N6530 SERIES
NPN POWER TRANSISTOR
ELECTRICAL CHARACTERISTICS (Continued)
2N6530
2N6531
2N6532
2N6533
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
MIN MAX
UNITS
hFE
VCE=3.0V, IC=3.0A
500
10K
1K
10K
hFE
VCE=3.0V, IC=5.0A
1K
10K
1K
10K
hFE
VCE=3.0V, IC=8.0A
100
5K
100
5K
100
5K
100
5K
VF
IC=10A
2.8
2.8
2.8
2.8
V
hfe
VCE=5.0V, IC=1.0A, f=1.0kHz 1K
1K
1K
1K
|hfe|
VCE=5.0V, IC=1.0A, f=1.0MHz 20
20
20
20
Cob
VCB=10V, IE=0, f=1.0MHz
200
200
200
200
pF
IS/b
VCE=24V, t=0.5s nonrep.
2.7
2.7
2.7
2.7
A
ES/b
VEB=1.5V, IC=4.5A,
120
120
120
120
mJ
RBE=100Ω, L=12mH
JEDEC TO-220 CASE - MECHANICAL OUTLINE
Lead Code:
1) Base
2) Collector
3) Emitter
MIN
MAX
MIN
MAX
A
0.176
0.190
4.48
4.82
B
0.045
0.055
1.15
1.39
C
0.014
0.026
0.35
0.65
D
0.083
0.106
2.10
2.70
E
0.394
0.417
10.01
10.60
F (DIA)
0.140
0.157
3.55
4.00
G
0.100
0.118
2.54
3.00
H
0.230
0.270
5.85
6.85
I
0.560
0.625
14.23
15.87
J
-
0.250
-
6.35
K
0.025
0.038
0.64
0.96
L
0.500
0.579
12.70
14.70
M
0.090
0.110
2.29
2.79
TO-220 (REV: R1)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
3
2
1
R1
J
K
M
L
I
H
F
G
E
C
D
A
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com