Electronic Components Datasheet Search
  English  ▼

X  

STU314D Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU314D
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU314D Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU314D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S mHop Microelectronics C orp.
a
STU314D
Symbol
VDS
VGS
IDM
EAS
W
A
PD
°C
10.4
-55 to 150
ID
Units
Parameter
30
16
47
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
mJ
PRODUCT SUMMARY (N-Channel)
VDSS
ID
RDS(ON) (m
Ω) Max
30V
16A
40 @ VGS=4.5V
28 @ VGS=10V
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
N-Channel
Drain Current-Continuous
a
-Pulsed
b
A
Sigle Pulse Avalanche Energy
d
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
www.samhop.com.tw
Feb,04,2009
1
Details are subject to change without notice.
60
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
a
TC=25°C
TO-252-4L
D1/D2
S 1
G 1
S 2
G 2
N-ch
P -ch
G 1
D1
S 1
G 2
D2
S 2
PRODUCT SUMMARY (P-Channel)
VDSS
ID
RDS(ON) (m
Ω) Max
-30V
-14A
55 @ VGS=-4.5V
34 @ VGS=-10V
-30
-14
-42
±20
P-Channel
TC=70°C
A
13
-11
6.7
W
TC=70°C
12
°C/W
Thermal Resistance, Junction-to-Case
R JC
a
Ver 1.0
16
64
Green
Product


Similar Part No. - STU314D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU310DH SAMHOP-STU310DH Datasheet
296Kb / 11P
Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
logo
SamHop Microelectronics...
STU312D SAMHOP-STU312D Datasheet
177Kb / 11P
Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STU312D VBSEMI-STU312D Datasheet
1Mb / 13P
N- and P-Channel 40 V (D-S) MOSFET
logo
SamHop Microelectronics...
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results

Similar Description - STU314D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4532DY FAIRCHILD-SI4532DY Datasheet
327Kb / 4P
Dual N- and P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM9952A CET-CEM9952A Datasheet
1Mb / 10P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com