Electronic Components Datasheet Search
  English  ▼

X  

STU314D Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # STU314D
Description  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU314D Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button STU314D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 9Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 10Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STU314D
www.samhop.com.tw
Feb,04,2009
10
PACKAGE OUTLINE DIMENSIONS
TO-252-4L
1
2
3
E1
D
E
b2
D1
L3
L4
b1
b
e
4
5
H
C
A
DETAIL "A"
1
L
L1
A1
L2
DETAIL "A"
0.127
0.440
0.680
0.787
6.000
9.400
0.508
REF.
0.890
1.270
L4
0.640
1.270
BSC
b1
b2
6.400
6.731
b
L3
1.397
1.770
L1
A1
2.743
REF.
L2
5.515
5.200
A
2.200
2.387
MAX
MIN
0.000
0.635
5.210
5.460
C
0.450
0.584
D
6.223
D1
E
e
10.400
L
H
1.010
1
0°
7°
10°
REF.
MAX
MIN
MILLIMETERS
INCHES
0.087
0.094
0.000
0.005
0.017
0.027
0.025
0.031
0.205
0.215
0.018
0.023
0.236
0.245
0.205
0.217
0.252
0.265
0.050
BSC
0.370
0.409
0.055
0.070
0.108
0.020
0.035
0.050
0.025
0.040
0°
7°
10°
REF.
SYMBOLS
E1
4.400
5.004
0.173
0.197
REF.
REF.
Ver 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com